Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 4 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 4 Page - STMicroelectronics

  M24M02E-F Datasheet HTML 1Page - STMicroelectronics M24M02E-F Datasheet HTML 2Page - STMicroelectronics M24M02E-F Datasheet HTML 3Page - STMicroelectronics M24M02E-F Datasheet HTML 4Page - STMicroelectronics M24M02E-F Datasheet HTML 5Page - STMicroelectronics M24M02E-F Datasheet HTML 6Page - STMicroelectronics M24M02E-F Datasheet HTML 7Page - STMicroelectronics M24M02E-F Datasheet HTML 8Page - STMicroelectronics M24M02E-F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
2
Signal description
2.1
Serial clock (SCL)
SCL is an input. The signal applied on it is used to strobe the data available on SDA(in) and to output the data on
SDA(out).
2.2
Serial data (SDA)
SDA is an input/output used to transfer data in or out of the device. SDA(out) is an open drain output that can be
wired
‑AND with other open drain or open collector signals on the bus. A pull‑up resistor must be connected from
serial data (SDA) to VCC (Figure 25 and Figure 26 indicate how to calculate the value of the pull
‑up resistor).
2.3
Write control (WC)
This input signal is useful for protecting the contents of the memory, registers, and identification page from
inadvertent write operations. All write operations are disabled when the WC is driven high. All write operations are
enabled when the WC is either driven low or left floating.
When it is driven high, device select and address bytes are acknowledged, data bytes are not acknowledged.
2.4
VSS (ground)
VSS is the reference for the VCC supply voltage.
2.5
Supply voltage (VCC)
2.5.1
Operating supply voltage (VCC)
Before selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the specified
[VCC(min), VCC(max)] range must be applied (see operating conditions in Section 9: DC and AC parameters). To
secure a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor (usually
from 10 nF to 100 nF) close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction and, for a write
instruction, until the completion of the internal write cycle (tW).
2.5.2
Power-up conditions
The VCC voltage must rise continuously from 0 V up to the minimum VCC operating voltage (see operating
conditions in Section 9: DC and AC parameters).
Once the VCC is greater than or equal to the minimum VCC level, the controller must wait for at least tWU before
sending the first command to the device. See Table 19 and Table 20 for the value of the wake-up time parameter.
2.5.3
Device reset
To prevent inadvertent write operations during power-up, a power-on-reset (POR) circuit is included.
At power-up, the device does not respond to any instruction until VCC has reached the internal reset threshold
voltage. This threshold is lower than the minimum VCC operating voltage (see operating conditions in
Section 9: DC and AC parameters). When VCC passes over the POR threshold, the device is reset and enters the
standby power mode; the device must not be accessed until VCC reaches a valid and stable DC voltage within the
specified [VCC(min), VCC(max)] range (see operating conditions in Section 9: DC and AC parameters).
Similarly, during power-down, when the VCCdecrease, the device must not be accessed once VCC drops below
VCC(min). When VCC drops below the power-on-reset threshold voltage, the device stops responding to any
instruction sent to it.
2.5.4
Power-down conditions
During power-down, when the VCC decreases, the device must be in the standby power mode (the mode is
reached after decoding a stop condition, with no internal write cycle in progress).
M24M02E-F
Signal description
DS14157 - Rev 2
page 4/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com