Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 21Page - STMicroelectronics M24M02E-F Datasheet HTML 22Page - STMicroelectronics M24M02E-F Datasheet HTML 23Page - STMicroelectronics M24M02E-F Datasheet HTML 24Page - STMicroelectronics M24M02E-F Datasheet HTML 25Page - STMicroelectronics M24M02E-F Datasheet HTML 26Page - STMicroelectronics M24M02E-F Datasheet HTML 27Page - STMicroelectronics M24M02E-F Datasheet HTML 28Page - STMicroelectronics M24M02E-F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
6.4.1
Random address read
A dummy write is first performed to load the address into this address counter (as shown in Figure 17. Read
mode sequences) but without sending a stop condition. Then, the bus controller sends another start condition,
and repeats the device select code, with the RW bit set to 1. The device acknowledges this, and outputs the
contents of the addressed byte. The bus controller must not acknowledge the byte, and terminates the transfer
with a stop condition.
6.4.2
Current address read
For the current address read operation, following a start condition, the bus controller sends only a device select
code with the RW bit set to 1. The device acknowledges this and outputs the byte addressed by the internal
address counter. The counter is then incremented. The bus controller terminates the transfer with a stop
condition, as shown in Figure 17. Read mode sequences, without acknowledging the byte.
Note:
The address counter value is defined by instructions accessing either the memory, registers, or the identification
page. When accessing the registers or the identification page, the address counter value is loaded with the byte
location, therefore the next current address read in the memory uses this new address counter value. When
accessing the memory, it is safer to always use the random address read instruction (this instruction loads the
address counter with the byte location to read in the memory, see Section 6.4.1: Random address read) instead
of the current address read instruction.
6.4.3
Sequential read
This operation can be used after a current address read or a random address read. The bus controller does
acknowledge the data byte output and sends additional clock pulses so that the device continues to output the
next byte in sequence. To terminate the stream of bytes, the bus controller must not acknowledge the last byte,
and must generate a stop condition, as shown in Figure 17. Read mode sequences.
The output data comes from consecutive addresses, with the internal address counter automatically incremented
after each byte output. After the last memory address, the address counter rolls-over, and the device continues to
output data from the memory address 00h.
M24M02E-F
Instructions
DS14157 - Rev 2
page 25/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com