Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 2 Page - STMicroelectronics

  M24M02E-F Datasheet HTML 1Page - STMicroelectronics M24M02E-F Datasheet HTML 2Page - STMicroelectronics M24M02E-F Datasheet HTML 3Page - STMicroelectronics M24M02E-F Datasheet HTML 4Page - STMicroelectronics M24M02E-F Datasheet HTML 5Page - STMicroelectronics M24M02E-F Datasheet HTML 6Page - STMicroelectronics M24M02E-F Datasheet HTML 7Page - STMicroelectronics M24M02E-F Datasheet HTML 8Page - STMicroelectronics M24M02E-F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
1
Description
The M24M02E-F is a 2-Mbit I²C-compatible EEPROM (electrically erasable programmable memory) organized as
256 K × 8 bits. It can operate with a supply voltage from 1.6 V to 5.5 V with a clock frequency up to 1 MHz, over
an ambient temperature range of -40 °C to +85 °C.
The device offers three 8-bit registers, namely: the device type identifier (DTI) register, the configurable device
address (CDA), and the software write protection (SWP) register.
The device offers an additional 256-byte page, called the identification page. This page can be used to store
sensitive application parameters, which can later be permanently locked in read-only mode.
The M24M02E-F is available in the standard 8-pin TSSOP8, SO8N, UFDFPN8, and in the 5-ball wafer level chip
scale packaging (WLCSP) with the WC pin.
On demand, the EEPROM can be delivered with a preprogrammed and locked device address.
Figure 1. Logic diagram
VCC
M24M02E-F
WC
SDA
VSS
SCL
Table 1. Signal names
Signal name
Function
Direction
SDA
Serial data
I/O
SCL
Serial clock
Input
WC
Write control
Input
VCC
Supply voltage
-
VSS
Ground
-
M24M02E-F
Description
DS14157 - Rev 2
page 2/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com