| Electronic Components Datasheet Search |
|
PIC18F6X2X Datasheet(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6X2X Datasheet(HTML) 76 Page - Microchip Technology |
|
76 / 386 page ![]() PIC18F6X2X/8X2X DS39612A-page 74 Advance Information 2003 Microchip Technology Inc. If the device fetches or accesses external memory while EBDIS = 1, the pins will switch to external bus. If the EBDIS bit is set by a program executing from external memory, the action of setting the bit will be delayed until the program branches into the internal memory. At that time, the pins will change from external bus to I/O ports. When the device is executing out of internal memory (EBDIS = 0) in Microprocessor with Boot Block mode or Extended Microcontroller mode, the control signals will NOT be active. They will go to a state where the AD<15:0> and A<19:16> are tri-state; the CE, OE, WRH, WRL, UB and LB signals are ‘1’, and ALE and BA0 are ‘0’. TABLE 6-1: PIC18F8X2X EXTERNAL BUS - I/O PORT FUNCTIONS Name Port Bit Function RD0/AD0 PORTD bit 0 Input/Output or System Bus Address bit 0 or Data bit 0 RD1/AD1 PORTD bit 1 Input/Output or System Bus Address bit 1 or Data bit 1 RD2/AD2 PORTD bit 2 Input/Output or System Bus Address bit 2 or Data bit 2 RD3/AD3 PORTD bit 3 Input/Output or System Bus Address bit 3 or Data bit 3 RD4/AD4 PORTD bit 4 Input/Output or System Bus Address bit 4 or Data bit 4 RD5/AD5 PORTD bit 5 Input/Output or System Bus Address bit 5 or Data bit 5 RD6/AD6 PORTD bit 6 Input/Output or System Bus Address bit 6 or Data bit 6 RD7/AD7 PORTD bit 7 Input/Output or System Bus Address bit 7 or Data bit 7 RE0/AD8 PORTE bit 0 Input/Output or System Bus Address bit 8 or Data bit 8 RE1/AD9 PORTE bit 1 Input/Output or System Bus Address bit 9 or Data bit 9 RE2/AD10 PORTE bit 2 Input/Output or System Bus Address bit 10 or Data bit 10 RE3/AD11 PORTE bit 3 Input/Output or System Bus Address bit 11 or Data bit 11 RE4/AD12 PORTE bit 4 Input/Output or System Bus Address bit 12 or Data bit 12 RE5/AD13 PORTE bit 5 Input/Output or System Bus Address bit 13 or Data bit 13 RE6/AD14 PORTE bit 6 Input/Output or System Bus Address bit 14 or Data bit 14 RE7/AD15 PORTE bit 7 Input/Output or System Bus Address bit 15 or Data bit 15 RH0/A16 PORTH bit 0 Input/Output or System Bus Address bit 16 RH1/A17 PORTH bit 1 Input/Output or System Bus Address bit 17 RH2/A18 PORTH bit 2 Input/Output or System Bus Address bit 18 RH3/A19 PORTH bit 3 Input/Output or System Bus Address bit 19 RJ0/ALE PORTJ bit 0 Input/Output or System Bus Address Latch Enable (ALE) Control pin RJ1/OE PORTJ bit 1 Input/Output or System Bus Output Enable (OE) Control pin RJ2/WRL PORTJ bit 2 Input/Output or System Bus Write Low (WRL) Control pin RJ3/WRH PORTJ bit 3 Input/Output or System Bus Write High (WRH) Control pin RJ4/BA0 PORTJ bit 4 Input/Output or System Bus Byte Address bit 0 RJ5/CE PORTJ bit 5 Input/Output or System Bus Chip Enable (CE) Control pin RJ6/LB PORTJ bit 6 Input/Output or System Bus Lower Byte Enable (LB) Control pin RJ7/UB PORTJ bit 7 Input/Output or System Bus Upper Byte Enable (UB) Control pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |