Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 11Page - Microchip Technology PIC18F6X2X Datasheet HTML 12Page - Microchip Technology PIC18F6X2X Datasheet HTML 13Page - Microchip Technology PIC18F6X2X Datasheet HTML 14Page - Microchip Technology PIC18F6X2X Datasheet HTML 15Page - Microchip Technology PIC18F6X2X Datasheet HTML 16Page - Microchip Technology PIC18F6X2X Datasheet HTML 17Page - Microchip Technology PIC18F6X2X Datasheet HTML 18Page - Microchip Technology PIC18F6X2X Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 13
PIC18F6X2X/8X2X
PORTB is a bi-directional I/O port. PORTB
can be software programmed for internal
weak pull-ups on all inputs.
RB0/INT0
RB0
INT0
48
58
I/O
I
TTL
ST
Digital I/O.
External interrupt 0.
RB1/INT1
RB1
INT1
47
57
I/O
I
TTL
ST
Digital I/O.
External interrupt 1.
RB2/INT2
RB2
INT2
46
56
I/O
I
TTL
ST
Digital I/O.
External interrupt 2.
RB3/INT3/CCP2/P2A
RB3
INT3
CCP2(1)
P2A(1)
45
55
I/O
I/O
I/O
O
TTL
ST
ST
—
Digital I/O.
External interrupt 3.
Capture2 input, Compare2 output,
PWM2 output.
Enhanced CCP2 output P2A.
RB4/KBI0
RB4
KBI0
44
54
I/O
I
TTL
ST
Digital I/O.
Interrupt-on-change pin.
RB5/KBI1/PGM
RB5
KBI1
PGM
43
53
I/O
I
I/O
TTL
ST
ST
Digital I/O.
Interrupt-on-change pin.
Low voltage ICSP programming
enable pin.
RB6/KBI2/PGC
RB6
KBI2
PGC
42
52
I/O
I
I/O
TTL
ST
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and
ICSP programming clock.
RB7/KBI3/PGD
RB7
KBI3
PGD
37
47
I/O
I
I/O
TTL
ST
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and
ICSP programming data.
TABLE 1-2:
PIC18F6X2X/8X2X PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F6X2X
PIC18F8X2X
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open Drain (no P diode to VDD)
Note
1:
Alternate assignment for CCP2/P2A in PIC18F8X2X devices when CCP2MX (CONFIG3H<0>) is not set (all Program
Memory modes except Microcontroller).
2:
Default assignment for CCP2/P2A when CCP2MX is set (all devices).
3:
External memory interface functions are only available on PIC18F8X2X devices.
4:
Default assignment for P1B/P1C/P3B/P3C for PIC18F8X2X devices when ECCPMX (CONFIG3H<1>) is set, and for all
PIC18F6X2X devices.
5:
Alternate assignment for CCP2/P2A in PIC18F8X2X devices when CCP2MX is not set (Microcontroller mode).
6:
PORTH and PORTJ (and their multiplexed functions) are only available on PIC18F8X2X devices.
7:
Alternate assignment for P1B/P1C/P3B/P3C for PIC18F8X2X devices when ECCPMX (CONFIG3H<1>) is not set.
8:
AVDD must be connected to a positive supply and AVSS must be connected to a ground reference for proper operation of
the part in User or ICSP modes. See parameter D001A for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com