Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 108Page - Microchip Technology PIC18F6X2X Datasheet HTML 109Page - Microchip Technology PIC18F6X2X Datasheet HTML 110Page - Microchip Technology PIC18F6X2X Datasheet HTML 111Page - Microchip Technology PIC18F6X2X Datasheet HTML 112Page - Microchip Technology PIC18F6X2X Datasheet HTML 113Page - Microchip Technology PIC18F6X2X Datasheet HTML 114Page - Microchip Technology PIC18F6X2X Datasheet HTML 115Page - Microchip Technology PIC18F6X2X Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 110
Advance Information
 2003 Microchip Technology Inc.
TABLE 10-3:
PORTB FUNCTIONS
TABLE 10-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit#
Buffer
Function
RB0/INT0
bit 0
TTL/ST(1)
Input/output pin or external interrupt input 0.
Internal software programmable weak pull-up.
RB1/INT1
bit 1
TTL/ST(1)
Input/output pin or external interrupt input 1.
Internal software programmable weak pull-up.
RB2/INT2
bit 2
TTL/ST(1)
Input/output pin or external interrupt input 2.
Internal software programmable weak pull-up.
RB3/INT3/
CCP2(3)/P2A(3)
bit 3
TTL/ST(4)
Input/output pin, external interrupt input 3, Capture2 input/Compare2
output/PWM2 output, or Enhanced PWM output P2A.
Internal software programmable weak pull-up.
RB4/KBI0
bit 4
TTL
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up.
RB5/KBI1/PGM
bit 5
TTL/ST(2)
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up.
Low voltage ICSP enable pin.
RB6/KBI2/PGC
bit 6
TTL/ST(2)
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up.
Serial programming clock.
RB7/KBI3/PGD
bit 7
TTL/ST(2)
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up.
Serial programming data.
Legend:
TTL = TTL input, ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
Valid for PIC18F8X2X devices in all operating modes except Microcontroller mode when CCP2MX is not
set. RC1 is the default assignment for CCP2/PA2 when CCP2MX is set in all devices; RE7 is the alternate
assignment for PIC18F8X2X devices in Microcontroller mode when CCP2MX is clear.
4:
This buffer is a Schmitt Trigger input when configured as the CCP2 input.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
LATB
LATB Data Output Register
xxxx xxxx
uuuu uuuu
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 0000
0000 0000
INTCON2
RBPU
INTEDG0
INTEDG1 INTEDG2 INTEDG3
TMR0IP
INT3IP
RBIP
1111 1111
1111 1111
INTCON3
INT2IP
INT1IP
INT3IE
INT2IE
INT1IE
INT3IF
INT2IF
INT1IF
1100 0000
1100 0000
Legend:
x
= unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com