Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 116Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 117Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 118Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 119Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 120Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 121Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 122Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 123Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 120
Preliminary
 2015 Microchip Technology Inc.
TABLE 10-3:
EEPROM, USER ID, DEV/REV ID AND CONFIGURATION WORD ACCESS
(NVMREGS = 1)
EXAMPLE 10-5:
DEVICE ID ACCESS
Address
Function
Read Access
Write Access
8000h-8003h
User IDs
Yes
Yes
8005h-8006h
Device ID/Revision ID
Yes
No
8007h-800Ah
Configuration Words 1-4
Yes
No
F000h-F0FFh
EEPROM
Yes
Yes
; This write routine assumes the following:
; 1.
64 bytes of data are loaded, starting at the address in DATA_ADDR
; 2.
Each word of data to be written is made up of two adjacent bytes in DATA_ADDR,
; stored in little endian format
; 3.
A valid starting address (the least significant bits = 00000) is loaded in ADDRH:ADDRL
; 4.
ADDRH and ADDRL are located in common RAM (locations 0x70 - 0x7F)
; 5.
NVM interrupts are not taken into account
BANKSEL
NVMADRH
MOVF
ADDRH,W
MOVWF
NVMADRH
; Load initial address
MOVF
ADDRL,W
MOVWF
NVMADRL
MOVLW
LOW DATA_ADDR
; Load initial data address
MOVWF
FSR0L
MOVLW
HIGH DATA_ADDR
MOVWF
FSR0H
BCF
NVMCON1,NVMREGS
; Set Program Flash Memory as write location
BSF
NVMCON1,WREN
; Enable writes
BSF
NVMCON1,LWLO
; Load only write latches
LOOP
MOVIW
FSR0++
MOVWF
NVMDATL
; Load first data byte
MOVIW
FSR0++
MOVWF
NVMDATH
; Load second data byte
MOVF
NVMADRL,W
XORLW
0x1F
; Check if lower bits of address are 00000
ANDLW
0x1F
; and if on last of 32 addresses
BTFSC
STATUS,Z
; Last of 32 words?
GOTO
START_WRITE
; If so, go write latches into memory
CALL
UNLOCK_SEQ
; If not, go load latch
INCF
NVMADRL,F
; Increment address
GOTO
LOOP
START_WRITE
BCF
NVMCON1,LWLO
; Latch writes complete, now write memory
CALL
UNLOCK_SEQ
; Perform required unlock sequence
BCF
NVMCON1,WREN
; Disable writes
UNLOCK_SEQ
MOVLW
55h
BCF
INTCON,GIE
; Disable interrupts
MOVWF
NVMCON2
; Begin unlock sequence
MOVLW
AAh
MOVWF
NVMCON2
BSF
NVMCON1,WR
BSF
INTCON,GIE
; Unlock sequence complete, re-enable interrupts
return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com