Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 120Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 121Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 122Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 123Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 124Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 125Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 126Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 127Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 124
Preliminary
 2015 Microchip Technology Inc.
REGISTER 10-5:
NVMCON1: NONVOLATILE MEMORY CONTROL 1 REGISTER
U-0
R/W-0/0
R/W-0/0
R/W/HC-0/0
R/W/HS-x/q
R/W-0/0
R/S/HC-0/0
R/S/HC-0/0
—
NVMREGS
LWLO
FREE
WRERR
WREN
WR
RD
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
S = Bit can only be set
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HC = Bit is cleared by hardware
bit 7
Unimplemented:
Read as ‘0’
bit 6
NVMREGS:
Configuration Select bit
1
= Access EEPROM, Configuration, User ID and Device ID Registers
0
= Access Program Flash Memory
bit 5
LWLO:
Load Write Latches Only bit
When FREE = 0:
1
= The next WR command updates the write latch for this word within the row; no memory operation is initiated
0
= The next WR command writes data or erases
Otherwise: The bit is ignored.
bit 4
FREE:
Program Flash Memory Erase Enable bit
When NVMREGS:NVMADR points to a Program Flash Memory location:
1
= Performs an erase operation with the next WR command; the 32-word pseudo-row containing the indicated
address is erased (to all 1s) to prepare for writing
0
= All write operations have completed normally
bit 3
WRERR:
Program/Erase Error Flag bit (1,2,3)
This bit is normally set by hardware.
1
= A write operation was interrupted by a Reset, or WR was written to one while NVMADR points to a
write-protected address.
0
= The program or erase operation completed normally
bit 2
WREN:
Program/Erase Enable bit
1
= Allows program/erase cycles
0
= Inhibits programming/erasing of program Flash
bit 1
WR:
Write Control bit(4,5,6)
When NVMREG:NVMADR points to a EEPROM location:
1
= Initiates an erase/program cycle at the corresponding EEPROM location
0
= NVM program/erase operation is complete and inactive
When NVMREG:NVMADR points to a Program Flash Memory location:
1
= Initiates the operation indicated by Table 10-4
0
= NVM program/erase operation is complete and inactive
Otherwise: This bit is ignored.
bit 0
RD:
Read Control bit(7)
1
= Initiates a read at address = NVMADR1, and loads data to NVMDAT Read takes one instruction cycle and the
bit is cleared when the operation is complete. The bit can only be set (not cleared) in software.
0
= NVM read operation is complete and inactive
Note
1:
Bit is undefined while WR = 1 (during the EEPROM write operation it may be ‘0’ or ‘1’).
2:
Bit must be cleared by software; hardware will not clear this bit.
3:
Bit may be written to ‘1’ by software in order to implement test sequences.
4:
This bit can only be set by following the unlock sequence of Section 10.4.2 “NVM Unlock Sequence”.
5:
Operations are self-timed, and the WR bit is cleared by hardware when complete.
6:
Once a write operation is initiated, setting this bit to zero will have no effect.
7:
Reading from EEPROM loads only NVMDATL<7:0> (Register 10-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com