Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 124Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 125Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 126Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 127Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 128Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 129Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 130Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 131Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 128
Preliminary
 2015 Microchip Technology Inc.
11.2.5
INPUT THRESHOLD CONTROL
The INLVLA register (Register 11-8) controls the input
voltage threshold for each of the available PORTA input
pins. A selection between the Schmitt Trigger CMOS or
the TTL Compatible thresholds is available. The input
threshold is important in determining the value of a read
of the PORTA register and also the level at which an
interrupt-on-change occurs, if that feature is enabled.
See Table 34-4 for more information on threshold
levels.
11.2.6
ANALOG CONTROL
The ANSELA register (Register 11-4) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELA bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELA bits has no effect on digital
output functions. A pin with its TRIS bit clear and its
ANSEL bit set will still operate as a digital output, but
the Input mode will be analog. This can cause unex-
pected behavior when executing read-modify-write
instructions on the affected port.
11.2.7
WEAK PULL-UP CONTROL
The WPUA register (Register 11-5) controls the
individual weak pull-ups for each port pin.
PORTA pin RA3 includes the MCLR/VPP input. The
MCLR input allows the device to be reset, and can be
disabled by the MCLRE bit of Configuration Word 2. A
weak pull-up is present on the RA3 port pin. This weak
pull-up is enabled when MCLR is enabled (MCLRE = 1)
or the WPUA3 bit is set. The weak pull-up is disabled
when is disabled and the WPUA3 bit is clear.
11.2.8
PORTA FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTA pin is multiplexed with other functions.
Each pin defaults to the PORT latch data after Reset.
Other output functions are selected with the peripheral
pin select logic or by enabling an analog output, such
as the DAC. See Section 12.0, Peripheral Pin Select
(PPS) Module for more information.
Analog input functions, such as ADC and comparator
inputs are not shown in the peripheral pin select lists.
Digital output functions may continue to control the pin
when it is in Analog mode.
Note:
Changing the input threshold selection
should be performed while all peripheral
modules are disabled. Changing the
threshold level during the time a module is
active may inadvertently generate a
transition associated with an input pin,
regardless of the actual voltage level on
that pin.
Note:
The ANSELA bits default to the Analog
mode after Reset. To use any pins as
digital general purpose or peripheral
inputs, the corresponding ANSEL bits
must be initialized to ‘0’ by user software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com