Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 121Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 122Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 123Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 124Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 125Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 126Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 127Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 128Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 125
PIC16(L)F18313/18323
REGISTER 10-6:
NVMCON2: NONVOLATILE MEMORY CONTROL 2 REGISTER
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
NVMCON2<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
S = Bit can only be set
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
NVMCON2<7:0>:
Flash Memory Unlock Pattern bits
To unlock writes, a 55h must be written first, followed by an AAh, before setting the WR bit of the
NVMCON1 register. The value written to this register is used to unlock the writes.
TABLE 10-5:
SUMMARY OF REGISTERS ASSOCIATED WITH NONVOLATILE MEMORY (NVM)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE
PEIE
—
—
—
—
—
INTEDG
87
PIR2
—
C2IF(1)
C1IF
NVMIF
—
—
—
NCO1IF
95
PIE2
—
C2IE(1)
C1IE
NVMIE
—
—
—
NCO1IE
90
NVMCON1
—
NVMREGS
LWLO
FREE
WRERR
WREN
WR
RD
124
NVMCON2
NVMCON2<7:0>
125
NVMADRL
NVMADR<7:0>
123
NVMADRH
—(2)
NVMADR<14:8>
123
NVMDATL
NVMDAT<7:0>
123
NVMDATH
—
—
NVMDAT<13:8>
123
Legend:
—
= unimplemented location, read as ‘0’. Shaded cells are not used by NVM.
Note
1:
PIC16(L)F18323 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com