Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 122Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 123Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 124Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 125Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 126Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 127Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 128Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 129Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 126
Preliminary
 2015 Microchip Technology Inc.
11.0
I/O PORTS
TABLE 11-1:
PORT AVAILABILITY PER
DEVICE
Each port has ten standard registers for its operation.
These registers are:
• PORTx registers (reads the levels on the pins of
the device)
• LATx registers (output latch)
• TRISx registers (data direction)
• ANSELx registers (analog select)
• WPUx registers (weak pull-up)
• INLVLx (input level control)
• SLRCONx registers (slew rate)
• ODCONx registers (open-drain)
Most port pins share functions with device peripherals,
both analog and digital. In general, when a peripheral
is enabled on a port pin, that pin cannot be used as a
general purpose output; however, the pin can still be
read.
The Data Latch (LATx registers) is useful for
read-modify-write operations on the value that the I/O
pins are driving.
A write operation to the LATx register has the same
effect as a write to the corresponding PORTx register.
A read of the LATx register reads of the values held in
the I/O PORT latches, while a read of the PORTx
register reads the actual I/O pin value.
Ports that support analog inputs have an associated
ANSELx register. When an ANSEL bit is set, the digital
input buffer associated with that bit is disabled.
Disabling the input buffer prevents analog signal levels
on the pin between a logic high and low from causing
excessive current in the logic input circuitry. A
simplified model of a generic I/O port, without the
interfaces to other peripherals, is shown in Figure 11-1.
FIGURE 11-1:
GENERIC I/O PORT
OPERATION
11.1
I/O Priorities
Each pin defaults to the PORT data latch after Reset.
Other functions are selected with the peripheral pin
select logic. See Section 12.0, Peripheral Pin Select
(PPS) Module for more information.
Analog input functions, such as ADC and comparator
inputs, are not shown in the peripheral pin select lists.
These inputs are active when the I/O pin is set for
Analog mode using the ANSELx register. Digital output
functions may continue to control the pin when it is in
Analog mode.
Analog outputs, when enabled, take priority over the
digital outputs and force the digital output driver to the
high-impedance state.
Device
PIC16(L)F18313
●
PIC16(L)F18323
●●
Q
D
CK
Write LATx
Data Register
I/O pin
Read PORTx
Write PORTx
TRISx
Read LATx
Data Bus
To digital peripherals
ANSELx
VDD
VSS
To analog peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com