Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 42Page - STMicroelectronics STM32WL33CC Datasheet HTML 43Page - STMicroelectronics STM32WL33CC Datasheet HTML 44Page - STMicroelectronics STM32WL33CC Datasheet HTML 45Page - STMicroelectronics STM32WL33CC Datasheet HTML 46Page - STMicroelectronics STM32WL33CC Datasheet HTML 47Page - STMicroelectronics STM32WL33CC Datasheet HTML 48Page - STMicroelectronics STM32WL33CC Datasheet HTML 49Page - STMicroelectronics STM32WL33CC Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
If "Manchester" or "3-out-of-6" or FEC coding options are enabled the actual bit rate is affected as follows:
Table 25. Data rate with different coding options
Coding option
2GFSK[kbit/s]
4GFSK[kbit/s]
NRZ
300
600
FEC
150
300
Manchester
150
Not supported
3-out-of-6
200
Not supported
6.3.5
RF receiver
Characteristics measured over recommended operating conditions unless otherwise specified. All typical values
are referred to 25°C temperature, VBAT = 3.3 V, no frequency offset in the RX signal.
All performance figures are referred to the reference designs optimized for each different configuration. The
reference designs associated with each configuration are listed below:
•
169 MHz: STDES-WL3C4EEW
•
433 MHz: STDES-WL3C4SML
•
868 MHz: STDES-WL3C4SMH
•
915 MHz: STDES-WL3C4SHH
Two reference test conditions are used in the RX measurements: High performance mode (HPM), where the
priority is given to the performances, Low power mode (LPM) where the priority is given to the low consumption.
•
High performance mode (HPM) conditions: VDD = 3.3V, TA = 25o C, SMPS ON, SMPS frequency 4 MHz
(unless otherwise stated), SMPS Vout =1.4V, 16 MHz system clock, HSIPLL mode, HSE GMC setting
0x0A.
•
Low power mode (LPM) conditions: SMPS ON, SMPS frequency 4MHz (unless otherwise stated), SMPS
Vout =1.2V, LDO RF bypassed, 16 MHz system clock, HSE direct mode, HSE GMC setting 0x0A.
RX blocking and selectivity tests are performed in ETSI conditions: the wanted signal is 3dB higher than the ETSI
sensitivity, given by the following formula:
ETSI_sensitivity = 10 log CHFkHz - 117 dBm
Table 26. RF receiver characteristics
Parameter
Description
Typical value Unit
Receiver channel bandwidth range -
1.8-1100
kHz
Rx maximum power
RF input power in RX operation mode
10
dBm
Input third order intercept point
Interferers are continuous wave @ 6 MHz and 12 MHz
offset from carrier
433 MHz
-19
dBm
868 MHz
-19
Input impedance at LNA
Max. RX gain R // C
433 MHz
151-j103
Ω
868 MHz
51-j107
169 MHz
176 - j265
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 46/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com