Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 2Page - STMicroelectronics STM32WL33CC Datasheet HTML 3Page - STMicroelectronics STM32WL33CC Datasheet HTML 4Page - STMicroelectronics STM32WL33CC Datasheet HTML 5Page - STMicroelectronics STM32WL33CC Datasheet HTML 6Page - STMicroelectronics STM32WL33CC Datasheet HTML 7Page - STMicroelectronics STM32WL33CC Datasheet HTML 8Page - STMicroelectronics STM32WL33CC Datasheet HTML 9Page - STMicroelectronics STM32WL33CC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
2
Description
The STM32WL33xx is a high performance ultra-low power wireless application processor, intended for RF
wireless applications in the sub-1 GHz band. It is designed to operate in both the license-free ISM and SRD
frequency bands such as 433, 868, and 915 MHz.
It adopts a single-core architecture embedding an Arm® 32-bit Cortex®-M0+ CPU that can operate up to 64 MHz.
It integrates high-speed and flexible memory types: up to 256 Kbyte flash memory, and up to 32 Kbyte RAM, one-
time programmable (OTP) memory area of 1 Kbyte.
The STM32WL33xx embeds a wide set of peripherals, including a 20-pin (16 segments + 4 commons) LCD
driver, 12-bit, 8 channel ADC, analog comparator, DAC, LC sensor controller, RTC, IWDG, general purpose
timers, AES-128, RNG, CRC, communication interfaces such as USART, SPI, and I2C. Moreover, the security
features enable secure boot with USART/SWD block (write protection) and sensitive information storage in flash
(read-out protection).
Direct data transfer between memory and peripherals and from memory-to-memory is supported by seven DMA
channels with fully-flexible channel mapping by the DMAMUX peripheral.
It can be configured to support standalone or network processor applications. In the first configuration, the
STM32WL33xx operates as single device in the application for managing both the application code and
proprietary sub-1 GHz protocol stacks.
It operates in the -40 to +105 °C temperature range from a 1.7 V to 3.6 V power supply. A comprehensive set of
power-saving modes enables the design of low-power applications.
The integrated highly efficient SMPS step-down converter together with the state transition speed between low-
power and active states minimize in every condition the average current consumption enabling the
STM32WL33xx to be the wireless application processor most suited for battery-operated applications.
The STM32WL33xx comes in different package versions supporting up to 32 I/Os for the VFQFPN48 package
and 17 I/Os for the VFQFPN32 package.
Figure 1. Block diagram
SRAM0
CTRL
SRAM0
(16 Kbytes)
32 kHz XO
32 kHz RC
64 MHz RC
RCC
GPIOA
GPIOB
CRC
RNG
AES
PWRCTRL
POR/
BOR
48 MHz XO
RF_SUBG
(ana)
MR_SUBG
(dig) wakeup
PVD
CLKDETR
LDO
/SMPS
LPAWUR
wakeup
Radio
(dig)
LPAWUR
(ana)
Flash
interface
Flash
(256 Kbytes
/8 Kbytes)
CM0+
SW / JTAG
MPU
NVIC
DMA MUX
DMA
8ch
AHB Up
Temp.
sensor
BM 4S/1M
VDD12o VDD12I
VDD12o_ram1
SRAM1
CTRL
SRAM1
(16 Kbytes)
AHB
down
APB
bridge
APB
bridge
APB
bridge
BUSMATRIX 3S/7M
VDD
VDD power domain
VDD12o power domain
VDD12I power domain
VDD12o_ram1 supply
APB0
APB1
STM32WL33xx
Description
DS14221 - Rev 5
page 6/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com