Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 5Page - STMicroelectronics STM32WL33CC Datasheet HTML 6Page - STMicroelectronics STM32WL33CC Datasheet HTML 7Page - STMicroelectronics STM32WL33CC Datasheet HTML 8Page - STMicroelectronics STM32WL33CC Datasheet HTML 9Page - STMicroelectronics STM32WL33CC Datasheet HTML 10Page - STMicroelectronics STM32WL33CC Datasheet HTML 11Page - STMicroelectronics STM32WL33CC Datasheet HTML 12Page - STMicroelectronics STM32WL33CC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
3.3
Memories
3.3.1
Embedded flash memory
The flash controller implements the erase and program flash memory operation. The flash controller also
implements the read and write protection.
The flash memory features are:
•
Memory organization:
–
1 bank of 256 Kbytes
–
Page size: 2 Kbytes
•
32-bit wide data read/write
•
Page erase (2 Kbytes) and mass erase
Flash controller features:
•
flash memory read operations
•
flash memory write operations: single data write, or 4x32-bits burst write
•
flash memory erase operations
•
page write protection mechanism (by 4 segments of variable sizes from 1 to 127 pages)
Option-byte loader hardware mechanism reserved for ST analog trimming bits.
3.3.2
Embedded SRAM
The STM32WL33xx integrates a total of 32 Kbytes of embedded SRAM split into two 16 Kbyte banks.
3.3.3
Embedded OTP
The one-time-programmable (OTP) is a memory of 1 Kbyte dedicated for user data. The user can protect the
OTP data area by writing the last word at address 0x1000 1BFC and by performing a system reset. This operation
freezes the OTP memory from further unwanted write operations.
3.3.4
Memory protection unit (MPU)
The MPU is used to manage accesses to memory to prevent one task from accidentally corrupting the memory or
resources used by any other active task. This memory area is organized into up to 8 protected areas. The MPU is
especially helpful for applications where critical or certified code must be protected against the behavior of other
tasks.
3.4
RF subsystem
The STM32WL33xx embeds an ultra-low-power radio supporting Sub-1GHz operation.
It integrates a high performance ultra-low power Sub-1GHz transceiver supporting different modulation schemes:
2(G)FSK, 4(G)FSK, OOK and ASK and air data rate programmable from 0.1 to 300 kbit/s for 2-GFSK and up to
600 kbit/s for 4-GFSK.
Moreover, the device integrates a Wake-Up radio system based on OOK receiver (LPAWUR).
The STM32WL33xx RF output power can be programmed to deliver up to +20 dBm, in TX+TXHP mode, enabling
long communication ranges. Up to +16 dBm in TXHP mode or up to +10 dBm in TX modes, exploiting the
extremely optimized architecture for ultra-low-current consumption and battery-operated system.
The STM32WL33xx receiver offers best in class sensitivity performance together with extremely low current
consumption. Moreover, it is compliant with ETSI CAT1 adjacent channel selectivity specification and very high
blocker rejection, resulting in receiver robustness and in the capability to demodulate packets even in the
presence of high interferer signals in very crowed frequency channel.
The IQ data access in receiver mode, coupled with polar mode control of the transmitter, enables the
implementation of custom modulation schemes using the embedded microcontroller or using an external DSP.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 9/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com