Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WL33CC Datasheet HTML 1Page - STMicroelectronics STM32WL33CC Datasheet HTML 2Page - STMicroelectronics STM32WL33CC Datasheet HTML 3Page - STMicroelectronics STM32WL33CC Datasheet HTML 4Page - STMicroelectronics STM32WL33CC Datasheet HTML 5Page - STMicroelectronics STM32WL33CC Datasheet HTML 6Page - STMicroelectronics STM32WL33CC Datasheet HTML 7Page - STMicroelectronics STM32WL33CC Datasheet HTML 8Page - STMicroelectronics STM32WL33CC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
Features
•
Includes ST state-of-the-art patented technology
•
Ultra-low power sub-1GHz wireless system-on-chip
•
Programmable MCU
–
Core: Arm® Cortex®-M0+ 32-bit, running up to 64 MHz
–
Program memory: 64-Kbyte / 128-Kbyte / 256-Kbyte flash memory
–
Data memory: 16-Kbyte / 32-Kbyte SRAM (full retention)
–
Additional storage: 1-Kbyte OTP (user data)
•
Radio
–
Frequency bands: 159-185 MHz, 413-479 MHz, 826-958 MHz
–
Air data rate from 0.1 to 600 kbit/s
–
Programmable TX power up to +20dBm
–
RX sensitivity @ 1% BER:
◦
-132 dBm @300 bit/s 433 MHz OOK
◦
-128 dBm @300 bit/s 868 MHz 2(G)FSK
◦
-112 dBm @38.4 bit/s 868 MHz 2(G)FSK
–
Modulation schemes:
◦
2(G)FSK, 2(G)MSK, 4(G)FSK
◦
OOK, ASK
◦
D-BPSK
◦
DSSS (direct sequence spread spectrum)
◦
I/Q channels data access
◦
Compatible with proprietary and standardized wireless protocols
(W-MBUS, Sigfox, Mioty, KNX-RF, IEEE 802.15.4g, others)
–
Suitable for worldwide certifications:
◦
Europe: ETSI EN 300 220, category 1 compliant, ETSI EN 303
131
◦
US: FCC part 15 and part 90
◦
Japan: ARIB STD T67, T108
–
Fully-configurable hardware sequencer for autonomous radio operations
(Sniff mode, Frequency hopping, Low Duty Cycle mode, Listen before
talk)
•
Wakeup radio receiver
–
Low power autonomous wakeup receiver (LPAWUR), featuring:
◦
OOK data receiver channel
◦
Sensitivity: -50 dBm
◦
Current consumption: 4 µA in always-on autonomous mode
VFQFPN48 (6 x 6 mm)
VFQFPN32 (5 x 5 mm)
Product summary
Reference
Part number
STM32WL33xx
STM32WL33C8
STM32WL33CB
STM32WL33CC
STM32WL33K8
STM32WL33KB
STM32WL33KC
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0+ 2(G)FSK, 4(G)FSK, ASK,
D-BPSK, up to 256KB flash, 32KB SRAM
STM32WL33xx
Datasheet
DS14221 - Rev 5 - November 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32WL33CC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WL33CCV6 STMICROELECTRONICS-STM32WL33CCV6 Datasheet
363Kb / 6P
STM32WL3x Nucleo-64 boards
20-Nov-2024
More results

Similar Description - STM32WL33CC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F372XX STMICROELECTRONICS-STM32F372XX Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32WL55JC STMICROELECTRONICS-STM32WL55JC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WL55CC STMICROELECTRONICS-STM32WL55CC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WLE4JC STMICROELECTRONICS-STM32WLE4JC Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November Rev 8
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 8
STM32WL55JC STMICROELECTRONICS-STM32WL55JC_V01 Datasheet
3Mb / 147P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX_V01 Datasheet
3Mb / 146P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
logo
NXP Semiconductors
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com