Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 59Page - STMicroelectronics STM32WL33CC Datasheet HTML 60Page - STMicroelectronics STM32WL33CC Datasheet HTML 61Page - STMicroelectronics STM32WL33CC Datasheet HTML 62Page - STMicroelectronics STM32WL33CC Datasheet HTML 63Page - STMicroelectronics STM32WL33CC Datasheet HTML 64Page - STMicroelectronics STM32WL33CC Datasheet HTML 65Page - STMicroelectronics STM32WL33CC Datasheet HTML 66Page - STMicroelectronics STM32WL33CC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
Figure 13. Typical application with a 32.768 kHz crystal
OSC32_IN
OSC32_OUT
Drive
programmable
amplifier
fLSE
32.768 kHz
resonator
Resonator with integrated
capacitors
CL1
CL2
Note:
No external resistors are required between OSC32_IN and OSC32_OUT, and it is forbidden to add one.
In bypass mode, the LSE oscillator is switched off and the input pin is a standard GPIO. The external clocksignal
has to respect the I/O characteristics detailed in Section 6.3.15: I/O port characteristics. The recommend clock
input waveform is shown in the figure below.
Figure 14. Low-speed external clocksource AC timing diagram
VLSEH
tf(LSE)
90%
10%
TLSE
t
tr(LSE)
VLSEL
tw(LSEH)
tw(LSEL)
Table 51. Low-speed external user clockcharacteristics(1) – Bypass mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext
User external clock source
frequency
-
21.2
32.768
44.4
kHz
VLSEH
OSC32_IN input pin high- level
voltage
-
0.7 x VDDx
-
VDDx
V
VLSEL
OSC32_IN input pin low- level
voltage
-
VSS
-
0.3 x VDDx
tw(LSEH) tw(LSEL) OSC32_IN high or low time
-
250
-
-
ns
ftolLSE
Frequency tolerance
Includes initialaccuracy,
stability over temperature,
aging and frequency pulling
–500
-
+500
ppm
1. Guaranteed by design - not tested in production.
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 63/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com