Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 37Page - STMicroelectronics STM32WL33CC Datasheet HTML 38Page - STMicroelectronics STM32WL33CC Datasheet HTML 39Page - STMicroelectronics STM32WL33CC Datasheet HTML 40Page - STMicroelectronics STM32WL33CC Datasheet HTML 41Page - STMicroelectronics STM32WL33CC Datasheet HTML 42Page - STMicroelectronics STM32WL33CC Datasheet HTML 43Page - STMicroelectronics STM32WL33CC Datasheet HTML 44Page - STMicroelectronics STM32WL33CC Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
6.3.3
Supply current characteristics
The current consumption is a function of several parameters and factors such as the operating voltage, ambient
temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program
location in memory and executed binary code.
The MCU is put under the following conditions:
•
all I/O pins are in pull-up or pull-down configuration
•
all peripherals are disabled except when explicitly mentioned
•
the flash memory access time is adjusted with the minimum number of wait states.
Table 12. Shutdown and Reset current
Symbol
Parameter
Test condition
Typ.
VDD = 3.3 V
Unit
ICORE
Shutdown
-
14
nA
Current under Reset condition
-
955
µA
Table 13. Current consumption in Deepstop mode
Symbol
Parameter
Test condition
Typ.
VDD = 3.3 V
Unit
ICORE
Deepstop current(1)
No timer, only wake-up GPIO enabled, RAM0 retained
910
nA
No timer, only wake-up GPIO enabled, all RAM retained
980
nA
(32 kHz LSI), RAM0 retained
1460
nA
(32 kHz LSI), all RAM retained
1540
nA
(32 kHz LSE), RAM0 retained
1163
nA
(32 kHz LSE), all RAM retained
1240
nA
Timer source LSI RTC ON
1710
nA
Timer source LSI IWDG ON
1558
nA
Timer source LSI, RTC and IWDG ON
1748
nA
Timer source LSE RTC ON
1430
nA
Timer source LSE IWDG ON
1273
nA
Timer source LSE LPUART ON
1370
nA
Timer source LSE RTC, LPUART and IWDG ON
1670
nA
Timer source LSE VLCD external, static duty(2)
1880
nA
Timer source LSE VLCD external, 1/4 duty(3)
2090
nA
1. The current consumption in Deepstop mode is measured considering that the entire SRAM is retained.
2. LCD division ratio 256, all pixels active, no LCD connected.
3. LCD 1/3 bias, division ratio 64, all pixels active, no LCD connected.
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 41/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com