Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 55Page - STMicroelectronics STM32WL33CC Datasheet HTML 56Page - STMicroelectronics STM32WL33CC Datasheet HTML 57Page - STMicroelectronics STM32WL33CC Datasheet HTML 58Page - STMicroelectronics STM32WL33CC Datasheet HTML 59Page - STMicroelectronics STM32WL33CC Datasheet HTML 60Page - STMicroelectronics STM32WL33CC Datasheet HTML 61Page - STMicroelectronics STM32WL33CC Datasheet HTML 62Page - STMicroelectronics STM32WL33CC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
6.3.9
Low-power autonomous wake-up receiver
Characteristics measured over recommended operating conditions unless otherwise specified. All typical values
are referred to 25 °C temperature, VBAT = 3.3 V. All performance data are referred to a 50 Ω antenna connector,
via the reference design.
Table 46. Low-power autonomous wake-up receiver electrical specification
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IVBAT_TOP
Global current
consumption
No input signal, circuit in
deepstop mode internal
32 kHz clock. AGC ON.
-
4.2
-
uA
Pmax
Maximal acceptable
input power
Manchester OOK
signal(1), no external
filtering
-
-
18
dBm
Pmax_operating
Maximal operating input
power
Manchester OOK signal
-
-
15
dBm
Data rate
Signal data rate
-
950
1000
1050
bps
MDC
Manchester duty cycle
-
45
50
55
%
TRF
Signal rise/fall time
1/10 of symbol time for
1 kbit/s Manchester OOK
-
-
50
mS
Pmax_int
Maximal interferer power
Maximum power for an
interferer signal
-
-
0
dBm
MD
Modulation depth
Pin <= 10 dBm
40
-
-
dBc
Pin=15 dBm
45
-
-
ZIN
input impedance
Normal LPAWUR
operation, AGC not
active
-
500
-
Ω
ZIN_MIN
DC input impedance
LPAWUR not active,
SoC in active mode,
AGC MAX
-
2.2
2.5
Ω
860 - 928 MHz
FRANGE
Operating band
-
860
-
928
MHz
PSENS
Sensitivity
BER < 10-3
-
-53
-
dBm
C/ICOCHANNEL
Co-channel interferer
Wanted signal =
PSENS+3dB, BER<10-3
2 kbit/s OOK modulated
interferer signal
-
10
-
dBc
C/IINBAND
CW inband interferer
Wanted signal =
PSENS+ 3dB, BER<10-3
CW interferer at Foffset
> +/-30 kHz
-
-28
-
dBc
C/IOOK_40K
Modulated inband
interferer
Wanted signal =
PSENS+3 dB, BER<10-3
40 kbit/s OOK modulated
interferer signal at
Foffset > +/- 30 kHz
-
0
-
dBc
C/IOOK_1M
Modulated inband
interferer
Wanted signal =
PSENS+3 dB, BER<10-3
1 Mbit/s OOK modulated
interferer signal at
Foffset > +/- 30 kHz
-
-10
-
dBc
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 59/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com