Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 73Page - STMicroelectronics STM32WL33CC Datasheet HTML 74Page - STMicroelectronics STM32WL33CC Datasheet HTML 75Page - STMicroelectronics STM32WL33CC Datasheet HTML 76Page - STMicroelectronics STM32WL33CC Datasheet HTML 77Page - STMicroelectronics STM32WL33CC Datasheet HTML 78Page - STMicroelectronics STM32WL33CC Datasheet HTML 79Page - STMicroelectronics STM32WL33CC Datasheet HTML 80Page - STMicroelectronics STM32WL33CC Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
Table 70. VFQFPN48 - Mechanical data
Symbol
Millimetres
Inches(1)
Note
Min
Typ
Max
Min
Typ
Max
A
0.80
0.85
1.00
0.0315
0.0335
0.0394
12
A1
0.00
-
0.05
0.0000
-
0.0020
9, 12
b
0.17
0.21
0.25
0.0067
0.0083
0.0098
5, 6, 7,
12, 13
D
6.00 BSC
0.2362 BSC
4, 12
D2
4.30
4.40
4.50
0.1693
0.1732
0.1772
4, 12
e
0.40 BSC
0.0157 BSC
E
6.00 BSC
0.2362 BSC
4, 12
E2
4.30
4.40
4.50
0.1693
0.1732
0.1772
4, 12
L
0.35
0.45
0.55
0.0138
0.0177
0.0217
12, 13
k
0.24
-
-
0.0094
-
-
-
N
48
8
Tolerance of form and position
aaa
0.10
0.0039
15
bbb
0.10
0.0039
ccc
0.10
0.0039
ddd
0.05
0.0020
eee
0.08
0.0031
fff
0.10
0.0039
1. Values in inches are converted from mm and rounded to 3 decimal digits.
Notes (to be reported in Note column of Table 70).
1. Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters unless otherwise stated. Values in inches are converted from mm and
rounded to 3 decimal digits.
3. Terminal A1 identifier and terminal numbering convention shall conform to JEP95 SPP-002.
Terminal A1 identifier must be located within the zone indicated on the outline drawing. Topside terminal A1
indicator may be a molded, or metalized feature. Optional indicator on bottom surface may be a molded,
marked or metallized feature.
4. Outlines with “D” and “E” increments less than 0.5 mm should be registered as “stand alone” outlines. These
outlines should use as many of the algorithms and dimensions states in the design standard as possible to
insure predictability in manufacturing.
5. Dimension ‘b’ applies to metallized terminal and is measured between 0.15 mm and 0.30 mm from the
terminal tip. If the terminal has the optional radius on the other end of the terminal, the dimension ‘b’ should
not be measured in that radius area.
6. Inner edge of corner terminals may be chamfered or rounded in order to achieve minimum gap “k”.
This feature should not affect the terminal width “b”, which is measured L/2 from the edge of the package
body.
7. Exact shape of the leads at the edge of the package is optional.
8. “N” is the maximum number of terminal positions for the specified body size. Depopulation is allowed, but only
under the following conditions.
–
Depopulation scheme must be consistent in each quadrant of the package.
–
Non-symmetric variations should be broken out as separate mechanical outline variations, including
depopulation graphics.
9. A1 is defined as the distance from the seating plane to the lowest point on the package body (standoff).
10. Dimension D2 and E2 refer to exposed pad. For exposed pad dimensions see Variations Table 70.
STM32WL33xx
Package information
DS14221 - Rev 5
page 77/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com