Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 27Page - STMicroelectronics STM32WL33CC Datasheet HTML 28Page - STMicroelectronics STM32WL33CC Datasheet HTML 29Page - STMicroelectronics STM32WL33CC Datasheet HTML 30Page - STMicroelectronics STM32WL33CC Datasheet HTML 31Page - STMicroelectronics STM32WL33CC Datasheet HTML 32Page - STMicroelectronics STM32WL33CC Datasheet HTML 33Page - STMicroelectronics STM32WL33CC Datasheet HTML 34Page - STMicroelectronics STM32WL33CC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
4
Pinouts and pin description
The STM32WL33xx comes in two package versions: VQFPN32 offering 17 GPIOs, and VFQFPN48 offering 32
GPIOs.
Figure 9. Pinout top view (QFN32 package - 5 mm x 5 mm)
VFQFPN32
1
2
3
4
5
6
7
8
PA2
PA3
VDD_1
PA0
PA11
PA10
PA9
PA8
24
23
22
21
20
19
18
17
NRST
PB7
PA1
OSCIN
OSCOUT
VDDRF
TX
TX_HP
Exposed ground pad
Figure 10. Pinout top view (VFQFPN48 package - 6 mm x 6 mm)
VFQFPN48
1
2
3
4
5
6
7
8
9
10
11
12
PA2
PA3
VDD_1
PB3
PB4
PB5
PA0
PA4
PA11
PA10
PA9
PA8
36
35
34
33
32
31
30
29
28
27
26
25
NRST
PB8
PB9
PB10
PB11
PB7
PA1
OSCIN
OSCOUT
VDDRF
TX
TX_HP
Exposed ground pad
Note:
All PAx and PBx type pins can wake up the circuit.
STM32WL33xx
Pinouts and pin description
DS14221 - Rev 5
page 31/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com