Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 4Page - STMicroelectronics STM32WL33CC Datasheet HTML 5Page - STMicroelectronics STM32WL33CC Datasheet HTML 6Page - STMicroelectronics STM32WL33CC Datasheet HTML 7Page - STMicroelectronics STM32WL33CC Datasheet HTML 8Page - STMicroelectronics STM32WL33CC Datasheet HTML 9Page - STMicroelectronics STM32WL33CC Datasheet HTML 10Page - STMicroelectronics STM32WL33CC Datasheet HTML 11Page - STMicroelectronics STM32WL33CC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
The system consists of a Cortex®-M0+ “Radio protocol and application” processor with its radio sub-system.
There is a single flash memory to be used by the CPU for both sub-1 GHz protocols and application
management. The peripherals are located on the different system buses (AHB, APB0, APB1, APB2 for the radio
system). There are 2 SRAM banks, a SRAM0 always power supplied and SRAM1 that can be programmed to be
always on or switchable.
3.2
Arm Cortex-M0+ core with MPU
The STM32WL33xx contains an Arm Cortex-M0+ microcontroller core. The Cortex-M0+ provides a low-cost
platform that meets the needs of CPU implementation, with a reduced pin count and low-power consumption,
while delivering outstanding computational performance and an advanced response to interrupts. The Cortex-M0+
can run from 1 MHz up to 64 MHz. The Cortex-M0+ processor is built on a highly area and power optimized 32-bit
processor core, with a 2-stage pipeline Von Neumann architecture. The processor delivers exceptional energy
efficiency through a small but powerful instruction set and extensively optimized design, providing high-end
processing hardware including a single-cycle multiplier. The interrupts are handled by the Cortex-M0+ nested
vector interrupt controller (NVIC). The NVIC controls specific Cortex-M0+ interrupts as well as the STM32WL33xx
peripheral interrupts. With its embedded Arm core, the STM32WL33xx family is compatible with all Arm tools and
software.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 8/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com