Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 80Page - STMicroelectronics STM32WL33CC Datasheet HTML 81Page - STMicroelectronics STM32WL33CC Datasheet HTML 82Page - STMicroelectronics STM32WL33CC Datasheet HTML 83Page - STMicroelectronics STM32WL33CC Datasheet HTML 84Page - STMicroelectronics STM32WL33CC Datasheet HTML 85Page - STMicroelectronics STM32WL33CC Datasheet HTML 86Page - STMicroelectronics STM32WL33CC Datasheet HTML 87Page - STMicroelectronics STM32WL33CC Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
Revision history
Table 74. Document revision history
Date
Version
Changes
31-Oct-2023
1
Initial release.
21-May-2024
2
Updated:
•
Cover-page features
•
Figure 8. Fast clock tree generation
•
Table 4. Alternate function port A
•
Table 5. Alternate function port B
•
Section 6.3.2: Thermal properties
•
Table 14. Current consumption in Run and WFI mode with SMPS ON
(SMPS frequency 4 MHz, SMPS Vout =1.4 V)
•
Table 15. Current consumption in Run and WFI mode with SMPS
bypassed
•
Table 17. Current consumption in reception, fc = 915 MHz
•
Table 18. Current consumption in reception, fc = 868 MHz (SMPS clock
frequency = 4.27 MHz)
•
Table 19. Current consumption in reception, fc = 433 MHz
•
Table 48. HSE crystal requirements
•
Table 49. HSE oscillator characteristics
•
Section 6.3.11: Low speed external clock
•
Table 54. Flash memory endurance and data retention
•
Table 59. ADC characteristics (HSI must be set to PLL mode) (IBAT
units)
•
Table 60. Temperature sensor characteristics1
•
Table 73. Ordering information scheme
31-May-2024
3
Updated Table 3. Pin description.
27-Jun-2024
4
Updated pin types in Table 3. Pin description.
Added in Section 6.3.5: RF receiver:
•
Table 27. Sensitivity at 169 MHz (SMPS clock frequency= 4 MHz)
•
Table 28. Blocking, selectivity and saturation at 169 MHz (SMPS clock
frequency= 4 MHz)
•
Table 29. Saturation and image rejection at 169 MHz (SMPS clock
frequency= 4 MHz)
Added Section 6.3.7.1: Harmonic emission at 169 MHz.
13-Nov-2024
5
Updated:
•
Document title
•
Figure 8. Fast clock tree generation
•
Section 3.24: Analog digital converter (ADC)
•
Section 6.3.5: RF receiver including performance figures in:
–
Table 26. RF receiver characteristics
–
Table 27. Sensitivity at 169 MHz (SMPS clock frequency= 4 MHz)
–
Table 32. Sensitivity at 868.5 MHz (SMPS clock frequency =
4.27 MHz)
–
Table 34. Sensitivity at 915 MHz (SMPS clock frequency= 4 MHz)
•
Table 41. Current consumption in transmission mode, fc = 169 MHz
•
Table 60. Temperature sensor characteristics1
STM32WL33xx
DS14221 - Rev 5
page 84/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com