Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 6Page - STMicroelectronics STM32WL33CC Datasheet HTML 7Page - STMicroelectronics STM32WL33CC Datasheet HTML 8Page - STMicroelectronics STM32WL33CC Datasheet HTML 9Page - STMicroelectronics STM32WL33CC Datasheet HTML 10Page - STMicroelectronics STM32WL33CC Datasheet HTML 11Page - STMicroelectronics STM32WL33CC Datasheet HTML 12Page - STMicroelectronics STM32WL33CC Datasheet HTML 13Page - STMicroelectronics STM32WL33CC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
3.4.1
RF front-end
The RF front-end is based on a direct modulation of the carrier in TX and used a low IF architecture in RX mode.
In transmit mode, three different topologies, with dedicated BOM configuration on the board, address operations
in different output power range according to the selection of TX and TX_HP.
Moreover, the output power is user selectable through the dedicated programmable register. A linearized,
smoothed analog control offers a clean power ramp-up.
In receive mode, the automatic gain control (AGC) can reduce the chain gain at both RF and IF locations, for
optimized interferer rejections. Thanks to the use of complex filtering and highly accurate I/Q architecture, high
sensitivity and excellent linearity can be achieved.
Figure 3. Sub-1GHz IP block diagram
RFSUBG
(analog RF IP)
MR_SUBG
(digital RF IP)
SoC
SUBG_RX_CLK
SUBG_RX_DATA
Global
registers
Radio
registers
RRM
SoC APB
interface
Data buffer
manager
SoC AHB
interface
SoC
RAM
Radio control
Time
management
Wakeup/Sleep
management
Radio FSM
RX analog chain
Power
control
Freq. synth
SD
2x
PA
PA
TX HP
TX
RX
In TX
In RX
SUBG_TX_CLK
SUBG_TX_DATA
interrupts
wakeup request
sleep allowance
3.4.2
TX and RX event alert
The STM32WL33xx is provided with the TX_SEQUENCE and RX_SEQUENCE signals which alert, respectively,
transmission and reception activities.
A signal can be enabled for TX and RX on two pins, through alternate functions:
•
TX_SEQUENCE is available on PA10 (AF2) or PB14 (AF2)
•
RX_SEQUENCE is available on PA8 (AF2) or PA11 (AF2)
The signal is high when radio is in TX (or RX), low otherwise.
The signals can be used to control external antenna switching and support coexistence with other wireless
technologies.
Note:
The RF_ACTIVITY signal is used to notify if there is an ongoing RF operation (either TX or RX). It is a logical
OR between the RX_SEQUENCE and TX_SEQUENCE.
3.4.3
Low power autonomous wake up receiver (LPAWUR)
The STM32WL33xx includes an always-on ultra-low-power wake-up receiver. It is intended to use the reception of
a specific frame to trig the wake up the entire SOC while in Deepstop mode. To work correctly the receiver needs
a 32 kHz clock which can either be supplied by the internal LSI block or an external 32 kHz crystal.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 10/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com