Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 51Page - STMicroelectronics STM32WL33CC Datasheet HTML 52Page - STMicroelectronics STM32WL33CC Datasheet HTML 53Page - STMicroelectronics STM32WL33CC Datasheet HTML 54Page - STMicroelectronics STM32WL33CC Datasheet HTML 55Page - STMicroelectronics STM32WL33CC Datasheet HTML 56Page - STMicroelectronics STM32WL33CC Datasheet HTML 57Page - STMicroelectronics STM32WL33CC Datasheet HTML 58Page - STMicroelectronics STM32WL33CC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
6.3.7
Harmonic emissions
TX measurements are given for HPM test conditions: VDD = 3.3 V, TA = 25 oC, SMPS ON, SMPS frequency
4 MHz, SMPS Vout according to output power, 16 MHz system clock, HSI mode.
•
10 dBm measurements conditions: SMPS ON Vout = 1.4 V, Continuous Wave (CW), TX pin connected,
TX mode, 10 dBm BOM.
•
16 dBm measurements conditions: Continuous Wave (CW), TXHP pin connected, TXHP mode, 16 dBm
BOM and PA_DGEN_ON:
–
433 MHz band: SMPS ON Vout = 1.6 V
–
868 MHz band: SMPS ON Vout = 1.5 V
–
915 MHz band: SMPS ON Vout = 1.5 V
•
20 dBm measurement conditions: Continuous Wave (CW), TX+TXHP pins connected, TX+TXHP mode,
20 dBm BOM, PA_DEGEN_ON and SMPS = 2 V for 868, 2.2 V for 915 MHz
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 55/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com