Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 45Page - STMicroelectronics STM32WL33CC Datasheet HTML 46Page - STMicroelectronics STM32WL33CC Datasheet HTML 47Page - STMicroelectronics STM32WL33CC Datasheet HTML 48Page - STMicroelectronics STM32WL33CC Datasheet HTML 49Page - STMicroelectronics STM32WL33CC Datasheet HTML 50Page - STMicroelectronics STM32WL33CC Datasheet HTML 51Page - STMicroelectronics STM32WL33CC Datasheet HTML 52Page - STMicroelectronics STM32WL33CC Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
Table 30. Sensitivity at 433 MHz (SMPS clock frequency= 4 MHz)
Parameter
Test condition
SMPS OFF
HPM/LPM SMPS ON
Unit
0.1% BER
1% BER
0.1% BER
1% BER
Sensitivity
BER @ 2-GFSK,
BT = 0.5
DR = 0.3 kbit/s, FDEV = 0.25 kHz,
CHF = 1.7 kHz AFC ON
-128
-130
-128
-130
dBm
DR = 1.2 kbit/s, FDEV = 1.2 kHz,
CHF = 4 kHz
-124
-126
-124
-126
DR = 38.4 kbit/s, FDEV = 20 kHz,
CHF = 74.8 kHz
-112
-114
-112
-114
DR = 38.4 kbit/s, FDEV = 20 kHz,
CHF = 100 kHz (TX pin mode and
10 dBm BOM)
-111.5
-113.5
-111.5
-113.5
DR = 38.4 kbit/s, FDEV = 20 kHz,
CHF = 100 kHz (TXHP mode and
16 dBm BOM)
-111
-113
-111
-113
DR = 300 kbit/s, FDEV = 150 kHz,
CHF = 780 kHz
-102
-104
-102
-104
Sensitivity
BER @ 4-GFSK,
BT = 0.5
DR = 4.8 ks/s, DEV = 2.4 kHz, CHF
= 10 kHz
-112
-115
-112
-115
dBm
DR = 9.6 ks/s, DEV = 4.8 kHz, CHF
= 20 kHz
-109
-112
-109
-112
DR = 19.2 ks/s, DEV = 9.6 kHz,
CHF = 40 kHz
-106
-109
-106
-109
DR = 300 ks/s, DEV = 300 kHz,
CHF = 900 kHz
-97
-100
-97
-100
Sensitivity
BER @ OOK
DR = 0.3 kbit/s, CHF = 1.7 kHz
-129
-132
-129
-132
dBm
DR = 1.2 kbit/s, CHF = 4 kHz
-124
-127
-124
-127
DR = 38.4 kbit/s, CHF = 120 kHz
-109
-112
-109
-112
DR = 125 kbit/s, CHF = 400 kHz
-103
-106
-103
-106
Table 31. Blocking, selectivity and saturation at 433 MHz (SMPS clock frequency= 4 MHz)
Parameter
Test condition
HPM
LPM
Unit
Selectivity and blocking 0.1% BER @ 2-
GFSK, BT = 0.5, FDEV=1.2 kHz, DR =
1.2 kbit/s, CHF = 4 kHz.
Wanted signal = ETSI sensitivity + 3 dB =
-108 dBm.
Not modulated interferer signal.
+12.5 kHz (adjacent channel)
-40
-42
dBm
-12.5 kHz (adjacent channel)
-41
-43
+25 kHz (alternate channel)
-40
-43
-25 kHz (alternate channel)
-40
-43
Image rejection
-47
-47
+2 MHz
-24
-24
-2 MHz
-29
-29
±10 MHz
-17
-18
±15 MHz
-16
-16
Selectivity and blocking 0.1% BER @ 2-
GFSK, BT = 0.5, FDEV = 20 kHz , DR =
38.4 kbit/s, CHF = 100 kHz.
Wanted signal = ETSI sensitivity + 3 dB =
-94 dBm.
Not modulated interferer signal.
+100 kHz (adjacent channel)
-38
-42
dBm
-100 kHz (adjacent channel)
-38
-42
+200 kHz (alternate channel)
-38
-41
-200 kHz (alternate channel)
-44
-44
Image rejection
Offset = -600 kHz
-38
-39
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 49/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com