Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CC Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 78Page - STMicroelectronics STM32WL33CC Datasheet HTML 79Page - STMicroelectronics STM32WL33CC Datasheet HTML 80Page - STMicroelectronics STM32WL33CC Datasheet HTML 81Page - STMicroelectronics STM32WL33CC Datasheet HTML 82Page - STMicroelectronics STM32WL33CC Datasheet HTML 83Page - STMicroelectronics STM32WL33CC Datasheet HTML 84Page - STMicroelectronics STM32WL33CC Datasheet HTML 85Page - STMicroelectronics STM32WL33CC Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
8
Ordering information
Table 73. Ordering information scheme
Example:
STM32
WL
33
K
C
V
6
TR
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
WL = wireless long-range
Device subfamily
33 = Cortex-M0+ full set of features
Pin count
C = 48
K = 32
Memory configuration
8 = 64 Kbyte flash/16 Kbyte RAM
B = 128 Kbyte flash/32 Kbyte RAM
C = 256 Kbyte flash/32 Kbyte RAM
Package(1)
V = VFQFPN
Temperature range
6 = -40 °C up to +85 °C
7 = -40 °C up to +105 °C
Frequency band options
No character = 413-479 MHz and 868-958 MHz
A = 159 -185 MHz
Packing
TR = tape and reel
1. ECOPACK2 (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants).
STM32WL33xx
Ordering information
DS14221 - Rev 5
page 82/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com