Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 10Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 11Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 12Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 13Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 14Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 15Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-2
-
Volume Control and Mute
•
USB 2.0 Interface (TCC766/TCC767 only)
•
Memory Card Interfaces Cores (TCC766/TCC767 only)
-
Memory Stick (MS)
-
Memory Stick PRO(MSPRO)
-
SecureDigital Card (SD)
-
MultiMedia Card (MMC)
-
Build-in NAND Flash Memory Controller
•
16Mbits of SDRAM (TCC768 only)
•
0.18um low power CMOS process
•
1.5V ~ 1.95V for core, 1.8V ~ 3.6V for I/O port (TCC760 / TCC761 signals)
1.2 Applications
Portable MP3 player (Flash or CD type)
MP3 Juke Box
Digital Audio Encoder/Decoder
Digital Internet Radio Server
Multimedia Storage Device
Low cost PDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com