Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 80Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 81Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 82Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 83Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 84Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 85Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 86Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 87Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTERRUPT CONTROLLER
Preliminary
5-2
5.2 Register Description
Table 5.1 Interrupt Controller Register Map (Base Address = 0x80000100)
Name
Address
Type
Reset
Description
IEN
0x00
R/W
0x00000000 Interrupt Enable Register
CREQ
0x04
W
-
Clear Interrupt Request Register
IREQ
0x08
R
0x00000000 Interrupt Request Flag Register
IRQSEL
0x0C
R/W
0x00000000 IRQ/FIQ Select Register
ICFG
0x10
R/W
0x00000000 External Interrupt Configuration Register
MREQ
0x14
R
0x00000000 Masked Interrupt Request Flag Register
TSTREQ
0x18
R/W
0x00000000 Test Mode Register (must be remained zero)
IRQ
0x20
R
-
IRQ Raw Status
(IREQ & IRQSEL)
FIQ
0x24
R
-
FIQ Raw Status
(~IREQ & IRQSEL)
MIRQ
0x28
R
-
Masked IRQ Status (IRQ & IEN)
MFIQ
0x2C
R
-
Masked FIQ Status (FIQ & IEN)
TMODE
0x30
R/W
0x000007C0 Trigger Mode (0: edge, 1:level)
SYNC
0x34
R/W
0x00000000 Synchronizer Control
WKUP
0x38
R/W
0x00000000 Wakeup Control
Caution)
Some peripherals have their own request flags as well as the flag in interrupt controller, so in the
interrupt service routine, user should clear their own request flags in the peripherals ahead of clearing
the flag in the interrupt controller.
The following pseudo code illustrates the sequence of processing the timer interrupt flags.
if (MREQ & TimerREQ) {
// If timer interrupt flag is set
if (TIREQ & Timer0) {
process_timer0();
// Process Timer0 interrupt
TIREQ = Timer0;
// Clear the flag of Timer0
}
if (TIREQ & Timer1) {
process_timer1();
// Process Timer0 interrupt
TIREQ = Timer1;
// Clear the flag of Timer1
}
if (TIREQ & Timer2) {
process_timer2();
// Process Timer0 interrupt
TIREQ = Timer2;
// Clear the flag of Timer2
}
if (TIREQ & Timer3) {
process_timer3();
// Process Timer0 interrupt
TIREQ = Timer3;
// Clear the flag of Timer3
}
if (TIREQ & Timer4) {
process_timer4();
// Process Timer0 interrupt
TIREQ = Timer4;
// Clear the flag of Timer4
}
if (TIREQ & Timer5) {
process_timer5();
// Process Timer0 interrupt
TIREQ = Timer5;
// Clear the flag of Timer5
}
CREQ = TimerREQ;
// Clear the flag of Timer
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com