Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 26Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 27Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 28Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 29Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 30Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 31Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 32Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 33Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-20
1.4.4 TCC766 Pin Description
Table 1.6 TCC766 Pin Description
Signal Name
Shared Signal
Ball
Type Description – TCC766
External Memory Interface Pins
SD_CKE
GPIO_B[0]
L9
I/O
SDRAM Clock Enable signal. Active high. / GPIO_B[0]
SD_CLK
GPO
P8
I/O
SDRAM Clock / GPO. SD_CLK can be used as a general
purpose output. Refer to section “MEMORY CONTROLLER”.
(MCFG register Bit[3] and Bit[1])
SD_nCS
SD_nCLK / GPIO_B[1]
M8
I/O
Chip select signal for SDRAM, Active low / Inverted SD_CLK for
DDR SDRAM / GPIO_B[1]
XA[21]
DQM[0]
L7
I/O
External Bus Address Bit [21] / Data I/O Mask 0
XA[20]
DQM[1]
N7
I/O
External Bus Address Bit [20] / Data I/O Mask 1
XA[19]
DQS[1]
L6
I/O
External BusAddress Bit [19] / DDR SDRAM Data Strobe [1]
XA[18]
DQS[0]
L5
I/O
External BusAddress Bit [18] / DDR SDRAM Data Strobe [0]
XA[17]
P7
I/O
External Bus Address Bit [17]
XA[16]
SD_nRAS
D5
I/O
External Bus Address Bit [16] / SDRAM RAS signal
XA[15]
SD_nCAS
N4
I/O
External Bus Address Bit [15] / SDRAM CAS signal
XA[14]
SD_BA[1]
N2
I/O
External Bus Address Bit [14] / SDRAM Bank Address 1
XA[13]
SD_BA[0]
N3
I/O
External Bus Address Bit [13] / SDRAM Bank Address 0.
XA[12]
N5
I/O
External Bus Address Bit [12]
XA[11]
M1
I/O
External Bus Address Bit [11]
XA[10]
M5
I/O
External Bus Address Bit [10]
XA[9]
M3
I/O
External Bus Address Bit [9]
XA[8]
L2
I/O
External Bus Address Bit [8]
XA[7]
L4
I/O
External Bus Address Bit [7]
XA[6]
K3
I/O
External Bus Address Bit [6]
XA[5]
J4
I/O
External Bus Address Bit [5]
XA[4]
P14
I/O
External Bus Address Bit [4]
XA[3]
J2
I/O
External Bus Address Bit [3]
XA[2]
J3
I/O
External Bus Address Bit [2]
XA[1]
J5
I/O
External Bus Address Bit [1]
XA[0]
H4
I/O
External Bus Address Bit [0]
XD[15]
H5
I/O
External Bus Data Bit [15]
XD[14]
L3
I/O
External Bus Data Bit [14]
XD[13]
F2
I/O
External Bus Data Bit [13]
XD[12]
E1
I/O
External Bus Data Bit [12]
XD[11]
E9
I/O
External Bus Data Bit [11]
XD[10]
F3
I/O
External Bus Data Bit [10]
XD[9]
D1
I/O
External Bus Data Bit [9]
XD[8]
A2
I/O
External Bus Data Bit [8]
XD[7]
B1
I/O
External Bus Data Bit [7]
XD[6]
F5
I/O
External Bus Data Bit [6]
XD[5]
C2
I/O
External Bus Data Bit [5]
XD[4]
D3
I/O
External Bus Data Bit [4]
XD[3]
G5
I/O
External Bus Data Bit [3]
XD[2]
F10
I/O
External Bus Data Bit [2]
XD[1]
H16
I/O
External Bus Data Bit [1]
XD[0]
F11
I/O
External Bus Data Bit [0]
nCS[3]
GPIO_B[5]
M9
I/O
External Bus Chip Select 3 / GPIO_B[5]. This pin should
be connected to FCSN.
nCS[2]
GPIO_B[4] / TESTCS2
R7
I/O
External Bus Chip Select 2 / GPIO_B[4]. This pin has an
internal connection to the USB2.0 module. Do not use for
external components.
nCS[1]
GPIO_B[3]
R8
I/O
External Bus Chip Select 1 / GPIO_B[3]
nCS[0]
GPIO_B[2] / TESTCS0
P6
I/O
External Bus Chip Select 0 / GPIO_B[2]. This pin has an
internal connection to the USB2.0 module. Do not use for
external components.
nWE
N8
I/O
Static Memory Write Enable signal. Active low.
nOE
D12
I/O
Static Memory Output Enable signal. Active low.
READY
K13
I
Ready information from external device.
FCSN
C14
I
NOR Flash Chip Select. Should be connected to nCS[3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com