Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 10Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 11Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 12Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 13Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
TABLE OF CONTENTS
Preliminary
x
Table 19.2 Instruction of CP5 ................................................................................................19-1
Table 20.1 Booting Mode of the TCC76x...............................................................................20-2
Table 20.2 Supported NAND flash types ...............................................................................20-5
Table 20.3 Region Settings in Development Mode ................................................................20-7
Table 22.1 I/O Port Functions and Selection Addresses......................................................22-2
Table 22.2 The Relationship of MST[2:0] Pins and Feature Register..................................22-2
Table 22.3 Summary of IDE Commands..............................................................................22-3
Table 22.4 Vendor Commands.............................................................................................22-3
Table 23.1 Absolute Maximum Ratings..................................................................................23-1
Table 23.2 Recommended Operating Conditions...................................................................23-1
Table 23.3 Electrical Characteristics ......................................................................................23-2
Table 23.4 Absolute Maximum Ratings – NOR Flash............................................................23-3
Table 23.5 Recommended Operating Conditions – NOR Flash.............................................23-3
Table 23.6 Electrical Characteristics – NOR Flash ................................................................23-3
Table 23.7 AC Characteristics – NOR Flash .........................................................................23-3
Table 23.8 Absolute Maximum Ratings – Audio CODEC .......................................................23-5
Table 23.9 Recommended Operating Conditions – Audio CODEC .......................................23-5
Table 23.10 Electrical Characteristics - Audio CODEC Digital I/O.......................................23-5
Table 23.11 Electrical Characteristics - Audio CODEC Analog............................................23-6
Table 23.12 Electrical Characteristics - Audio CODEC Power ............................................23-6
Table 25.1 Feature Comparison...........................................................................................25-1
Table 25.2 Power Voltage Range Comparison ....................................................................25-1
Table 25.3 Pin Comparison – TCC760.................................................................................25-2
Table 25.4 Pin Comparison – TCC761.................................................................................25-2
Table 25.5 Pin Comparison – TCC763/TCC764 Rev. 0.......................................................25-2
Table 25.6 Pin Comparison – TCC763/TCC764 Rev. 1.......................................................25-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com