Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 66Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 67Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 68Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 69Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 70Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 71Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 72Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 73Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CPU
Preliminary
3-4
3.2.8 Caches and Write Buffer
3.2.8.1 Cache Architecture
The ARM940T incorporates a 4KB of instruction cache, a 4KB of data cache, and
an 8-word write buffer. The Icache and Dcache have similar architectures, as
illustrated in the following figure.
Word 0 Word 1 Word 2 Word 3
Address TAG
0
1
2
63
CAM
RAM
RDATA[31:0]
A[5:4]
A[3:2]
0
1
2
3
A[31:6]
WDATA[31:0]
A[31:2]
SEG0
SEG1
SEG2
SEG3
SEG0
SEG1
SEG2
SEG3
Line Index
Figure 3.2 4KB Cache Architecture in ARM940T
Each cache comprises four, fully associative 1KB segments which support single-
cycle reads, and either one or two-cycle writes depending on the sequentiality of the
access.
Each cache segment consists of 64 CAM (Content Addressable Memory) rows
which each select one of 64 RAM four-word long lines. during a cache access, a
segment is selected and the access address is compared with the 64 TAGs in the
CAM. If a match occurs (or a hit), the matched line is enabled and the data can be
accessed. If none of the TAGs match (or a miss), then external memory must be
accessed, unless the access is a buffered write in which case the write buffer is used.
If a read access from a cacheable memory region misses, new data is loaded into one
of the 64 row lines of the selected segment. This is an allocate on read-miss
replacement policy. Selection is performed by a randomly clocked target row
counter.
Critical or frequently-accessed instructions or data can be locked into the cache by
restricting the range of the target counter. Locked lines cannot be replaced and
remain in the cache until they are unlocked or flushed.
The CAM allows 64 address TAGs to be stored for an address that selects a given
segment (64-way associativity). This reduces the chance of an address sequence in,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com