Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 74Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 75Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 76Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 77Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 78Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 79Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 80Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 81Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
DAI & CDIF
Preliminary
4-6
volume can be set from 0 dB to –90 dB as the following table.
VC [3:0]
DAI Volume control
0000
0dB
0001
-6dB
0010
-12dB
0011
-18dB
0100
-24dB
0101
-30dB
0110
-36dB
0111
-42dB
1000
-48dB
1001
-54dB
1010
-60dB
1011
-66dB
1100
-72dB
1101
-78dB
1110
-84dB
1111
-90dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com