Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 55Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 56Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 57Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 58Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 59Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 60Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 61Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 62Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ADDRESS & REGISTER MAP
Preliminary
2-5
Table 2.6 GPIO Register Map (Base = 0x80000300)
Name
Address
Type
Reset
Description
GDATA_A
0x00
R/W
0xFFFFFFFF
GPIO_A Data Register
GIOCON_A
0x04
R/W
0x00000000
GPIO_A Direction Control Register
GSEL_A
0x08
R/W
0x00000000
GPIO_A Function Select Register 1
GTSEL_A
0x0C
R/W
0x00000000
GPIO_A Function Select Register 2
GDATA_B
0x10
R/W
0x3FFFFFFF
GPIO_B Data Register
GIOCON_B
0x14
R/W
0x000000FF
GPIO_B Direction Control Register
GSEL_B
0x18
R/W
0x3C0000FF
GPIO_B Function Select Register 1
GTSEL_B
0x1C
R/W
0x00000000
GPIO_B Function Select Register 2
GDATA_C
0x20
R/W
0xFFFF
GPIO_C Data Register
GIOCON_C
0x24
R/W
0x0000
GPIO_C Direction Control Register
GDATA_D
0x30
R/W
0x7FFF
GPIO_D Data Register
GIOCON_D
0x34
R/W
0x0000
GPIO_D Direction Control Register
Shaded registers are only valid in TCC761.
Table 2.7 Clock Generator Register Map (Base = 0x80000400)
Name
Address
Type
Reset
Description
CKCTRL
0x00
R/W
0x00007FFE
Clock Control Register
PLLMODE
0x04
R/W
0x00002E02
PLL Control Register
SCLKmode
0x08
R/W
0x00082000
System Clock Control Register
DCLKmode
0x0C
R/W
0x00000800
DCLK (DAI/CODEC) Control Register
EACLKmode
0x10
R/W
0x00000000
ADCLK and EX2CLK Control Register
EX1CLKmode
0x14
R/W
0x00000000
EX1CLK Control Register
UTCLKmode
0x18
R/W
0x000001BE
UTCLK (UART) Control Register
UBCLKmode
0x1C
R/W
0x00000000
UBCLK (USB) Control Register
LCLKmode
0x20
R/W
0x00000000
LCLK (LCD) Control Register
TCLKmode
0x24
R/W
0x00000000
TCLK (Timer) Control Register
GCLKmode
0x28
R/W
0x00000000
GCLK (GSIO) Control Register
CIFCLKmode
0x2C
R/W
0x00000000
CIFCLK Control Register
SW_nRST
0x3C
R/W
0x0000FEFF
Software Reset for each peripherals
PWDCTL
0x40
R/W
0x00000000
Power Down Control
DIVMODE
0x44
R/W
0x00000000
Divider Mode Enable (DCO Disable)
HCLKSTOP
0x48
R/W
0x00000000
HCLK Stop Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com