Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 51Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 52Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 53Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 54Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 55Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 56Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 57Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 58Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ADDRESS & REGISTER MAP
Preliminary
2-1
2 ADDRESS & REGISTER MAP
2.1 Address Map
The TCC76x has fixed address maps for digital audio en-decoder system. The address space is separated MSB
4bits of address bus, the following table represents overall address space of TCC76x system.
Table 2.1 Address Allocation Map of the TCC76x
Address Space
Device Name
0x00000000 ~ 0x0FFFFFFF
1) if Remap is 0, External ROM of chip select 3 or internal ROM.
2) if Remap is 1, Other type memory according to base value.
3) if any other type of memory is not assigned to this area, then
Internal SRAM is assigned.
0x10000000 ~ 0x1FFFFFFF
Not Used
0x20000000 ~ 0x2FFFFFFF
Assigned to SDRAM initially.
0x30000000 ~ 0x3FFFFFFF
Assigned to internal SRAM
0x40000000 ~ 0x4FFFFFFF
Assigned to chip select 0
Initially the configuration register is set to SRAM
0x50000000 ~ 0x5FFFFFFF
Assigned to chip select 1
Initially the configuration register is set to IDE type device
0x60000000 ~ 0x6FFFFFFF
Assigned to chip select 2
Initially the configuration register is set to NAND flash
0x70000000 ~ 0x7FFFFFFF
Assigned to chip select 3
Initially the configuration register is set to ROM
0x80000000 ~ 0x8FFFFFFF
Various internal peripheral devices
0x90000000 ~ 0x9FFFFFFF
0xA0000000 ~ 0xAFFFFFFF
0xB0000000 ~ 0xBFFFFFFF
0xC0000000 ~ 0xCFFFFFFF
0xD0000000 ~ 0xDFFFFFFF
Not Used
0xE0000000 ~ 0xEFFFFFFF
Assigned to internal boot ROM
0xF0000000 ~ 0xFFFFFFFF
Assigned to memory controller configuration register space
The address space (0x00000000 ~ 0x0FFFFFFF) is initially allocated to internal or external PROM for booting
procedure, and a special flag exists in memory controller unit for remapping this space to other type of memories.
That is, if the remap flag is set to 1, this space is released from the external ROM of chip select 3 or internal boot
ROM. Refer to the description of memory controller for detailed operation.
The TCC76x has one chip select for SDRAM, and four chip selects for other type of memories. Their address
space is dependent on the configuration registers for each chip selects. The above address map is only at the
initial state of the TCC76x; these maps can be changed at user requests.
The TCC76x has various peripherals for controlling a digital audio en-decoder system. These peripherals can be
configured appropriately by it’s own registers that can be accessed through specially allocated address. These
address maps are represented in the following table. In case of memory controller, its space is separated for
preventing illegal accessing.
Refer to corresponding sections for detail information of each peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com