Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 68Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 69Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 70Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 71Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 72Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 73Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 74Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 75Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CPU
Preliminary
3-6
3.3 Clock Modes
3.3.1 About clocking modes
The ARM940T has two clock inputs HCLK and FCLK that allow flexible clocking
configurations. There are three different modes of operation, selected using bits 30
and 31 of CP15 register 1 (C1), the control register. These modes are:
FastBus
Synchronous
Asynchronous
The TCC76x does not support Synchronous Mode. Do not enable Synchronous
Mode.
The ARM940T is a pseudo-static desing and both clocks can be stopped. Typically
when accessing slow memory systems or peripherals, wait states are applied using
the HREADY signal. Refer to AMBA Specification for more details.
3.3.2 FastBus mode
In this mode of operation the HCLK input is used to control:
the internal ARM9TDMI
cache operations
the AMBA bus interface
The FCLK input is ignored. This mode is typically used in systems with high-speed
memories.
3.3.3 Asynchronous mode
This mode is typically used in systems with low-speed memory. In this mode both
the HCLK and FCLK inputs are used. HCLK is used to control the AMBA bus
interface. FCLK is used to control the internal ARM9TDMI processor core and any
cache operations. The one restriction is that FCLK must have a higher frequency
than HCLK. An example is shown in Figure 3.3.
HCLK
FCLK
Figure 3.3 Asynchronous Clocking Mode
If the ARM940T performs an external access, the ARM940T switches to HCLK to
perform the access. The delay when switching from FCLK to HCLK is a minimum
of one HCLK cycle and a maximum of one and a half of HCLK cycles. An example
of the clock switching is shown in Figure 3.4. When switching from HCLK to
FCLK, the maximum delay is one FCLK cycle and the maximum delay is one and a
half of FCLK cycles.
HCLK
FCLK
ECLK
Figure 3.4 Switching from FCLK to HCLK in asynchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com