Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 21Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 22Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 23Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 24Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 25Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 26Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 27Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 28Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-15
Table 1.4 Mapping between TCC761-E and TCC761-Y
LQFP TBGA
Name
LQFP TBGA
Name
LQFP TBGA
Name
LQFP TBGA
Name
1
A1
VSSIO
53
U1
VDDIO
105
U17
VSSIO
157
A17
VSSIO
2
C2
VSSIO
54
T3
VDDIO
106
R16
VSSIO
158
B15
VSSIO
3
D4
XD4
55
P4
XA13
107
P14
GPIO_B23
159
D14
MODE1
4
B1
XD5
56
U2
XA14
108
T17
GPIO_B24
160
A16
TDI
5
C1
XD6
57
U3
XA15
109
R17
GPIO_B25
161
A15
TMS
6
D2
XD7
58
T4
XA16
110
P16
XTIN
162
B14
TCK
7
D3
XD8
59
R4
XA17
111
P15
XTOUT
163
C14
TDO
8
E4
GPIO_B10
60
P5
XA18
112
N14
GPIO_A16
164
D13
nTRST
9
D1
GPIO_B11
61
U4
XA19
113
P17
GPIO_A17
165
A14
GPIO_B17
10
E2
GPIO_B12
62
T5
GPIO_D4
114
N16
GPIO_A18
166
B13
GPIO_B18
11
E3
GPIO_B13
63
R5
VDDI
115
N15
GPIO_A19
167
C13
GPIO_B19
12
F4
VDDI
64
P6
GPIO_D5
116
M14
VDDI
168
D12
GPIO_B20
13
E1
VSSI
65
U5
XA20
117
N17
nRESET
169
A13
GPIO_A0
14
F2
XD9
66
T6
XA21
118
M16
MODE0
170
B12
GPIO_A1
15
F3
XD10
67
R6
XA22
119
M15
XIN
171
C12
GPIO_A2
16
G4
XD11
68
P7
XA23
120
L14
XOUT
172
D11
GPIO_A3
17
F1
XD12
69
U6
XD24
121
M17
GPIO_A20
173
A12
GPIO_D7
18
G2
XD13
70
T7
XD25
122
L16
GPIO_A21
174
B11
GPIO_A28
19
G3
XD14
71
R7
XD26
123
L15
VDDIO
175
C11
GPIO_A29
20
H4
XD15
72
P8
XD27
124
K14
VDDIO
176
D10
GPIO_A30
21
G1
GPIO_D0
73
U7
XD28
125
L17
GPIO_A22
177
A11
GPIO_A31
22
H2
VDDIO
74
T8
XD29
126
K16
GPIO_A23
178
B10
GPIO_A4
23
H3
VDDIO
75
R8
XD30
127
K15
GPIO_A24
179
C10
VDDI
24
J4
XD16
76
P9
XD31
128
J14
GPIO_A25
180
D9
VSSI
25
H1
XD17
77
U8
SD_CLK
129
K17
GPIO_A26
181
A10
VSSI
26
J2
XD18
78
T9
VSSIO
130
J16
GPIO_A27
182
B9
GPIO_A5
27
J3
XD19
79
R9
VSSIO
131
J15
VDDA_PLL
183
C9
VDDIO
28
K4
XD20
80
P10
GPIO_B1
132
H14
XFILT
184
D8
VDDIO
29
J1
XD21
81
U9
GPIO_B2
133
J17
VSSA_PLL
185
A9
GPIO_A6
30
K2
XD22
82
T10
GPIO_B3
134
H16
VBBA_PLL
186
B8
GPIO_A7
31
K3
XD23
83
R10
GPIO_B4
135
H15
VDDA_ADC
187
C8
GPIO_D8
32
L4
XA0
84
P11
GPIO_B5
136
G14
ADIN_0
188
D7
GPIO_D9
33
K1
XA1
85
U10
GPIO_B14
137
H17
ADIN_1
189
A8
GPIO_A8
34
L2
XA2
86
T11
GPIO_B15
138
G16
ADIN_2
190
B7
GPIO_A9
35
L3
XA3
87
R11
GPIO_B16
139
G15
ADIN_3
191
C7
GPIO_A10
36
M4
XA4
88
P12
USB_DP
140
F14
ADIN_4
192
D6
GPIO_A11
37
L1
XA5
89
U11
USB_DN
141
G17
ADIN_5
193
A7
GPIO_D10
38
M2
XA6
90
T12
USBH_DP
142
F16
ADIN_6
194
B6
GPIO_D11
39
M3
VDDI
91
R12
USBH_DN
143
F15
ADIN_7
195
C6
GPIO_D12
40
N4
VSSI
92
P13
VSSI
144
E14
VSSA_ADC
196
D5
GPIO_D13
41
M1
VSSI
93
U12
GPIO_D6
145
F17
VBBA_ADC
197
A6
VDDI
42
N2
GPIO_D1
94
T13
GPIO_B6
146
E16
VDDI_ADC
198
B5
VDDI
43
N3
GPIO_D2
95
R13
GPIO_B0
147
E15
VSSI_ADC
199
C5
VSSI
44
N1
GPIO_D3
96
U13
GPIO_B7
148
E17
PKG0
200
A5
GPIO_D14
45
P1
XA7
97
U14
nWE
149
D17
PKG1
201
A4
GPIO_A12
46
P2
XA8
98
T14
nOE
150
D16
GPIO_D15
202
B4
GPIO_A13
47
P3
XA9
99
R14
GPIO_B8
151
D15
GPIO_D16
203
C4
GPIO_A14
48
R1
XA10
100
U15
GPIO_B9
152
C17
GPIO_D17
204
A3
GPIO_A15
49
T1
XA11
101
U16
GPIO_B21
153
B17
GPIO_D18
205
A2
XD0
50
R2
XA12
102
T15
GPIO_B22
154
C16
GPIO_D19
206
B3
XD1
51
R3
VSSIO
103
R15
VDD_USB
155
C15
GPIO_D20
207
C3
XD2
52
T2
VSSIO
104
T16
VDD_USB
156
B16
GPIO_D21
208
B2
XD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com