Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 89Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 90Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 91Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 92Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 93Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 94Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 95Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 96Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
TIMER / COUNTER
Preliminary
6-5
Timer/Counter n Middle Reference Register (TMREFn)
0x8000020C + (0x10 * n)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
TMREFn[19:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TMREFn[15:0]
When TCNTn is reached at TMREFn and the PWM flag of TCFGn register is set to 1,
the timer output of TCOn is cleared to 0 at the negative edge of that pulse of selected
clock source. The TCOn is set to 1 when the TCNTn is reached at TREFn. (refer Figure
6.1). So you can generate PWM signal by modifying TMREFn between 0 ~ (TREFn-1).
In case of timer 4 and timer 5, it has 20 bit, otherwise it has 16 bit.
Timer/Counter Interrupt Request Register (TIREQ)
0x80000260
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
TWF
TF5
TF4
TF3
TF2
TF1
TF0
0
TWI
TI5
TI4
TI3
TI2
TI1
TI0
TWF [14]
Watchdog Timer Flag
1
Watchdog timer has reached to its reference value.
TFn [13:8]
Timer/Counter n Flag
1
Timer/counter n has reached to its reference value.
TWI [6]
Type
Watchdog Timer Interrupt Request Flag
1
Read
Watchdog timer has generated its interrupt.
1
Write
Watchdog timer interrupt is cleared.
TIn [5:0]
Type
Timer/Counter n Interrupt Request Flag
1
Read
Timer/counter n has generated its interrupt.
1
Write
Timer/counter n interrupt flag is cleared.
If a timer n has reached its reference value, the TFn is set. (bit n represents for Timer n). If
its interrupt request is enabled by set bit 3 of TCFGn register, then the TIn is set. If the TC
bit of IEN register is set, the timer interrupt is really generated and this TIREQ register
can be used to determine which timer has requested the interrupt. After checking these
flags, user can clear these TFn and TIn field by writing “1” to corresponding TFn or TIn
bit field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com