Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC76 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 31Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 32Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 33Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 34Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 35Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 36Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 37Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 38Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-25
Signal Name
Shared Signal
Ball
Type Description – TCC766
TESTIRQ
GPIO_A[12]
E6
I/O
Active high Interrupt Request. This pin is internally connected
to the USB2.0 module. Pull-down for normal operation.
TESTRST
GPIO_A[6]
A7
I/O
Active low hardware reset for the internal USB2.0 module. Pull-
down for normal operation.
TESTUSB
GPIO_A[5]
F9
I/O
IDE / USB Mode Selection signal. Pull-up for normal operation.
(1: IDE Mode, 0:USB Mode)
TESTIO7
GPIO_A[3]
D9
I/O
Reserved for Chip Test. Internal pull-up active.
TESTIO6
GPIO_A[2]
E10
I/O
Reserved for Chip Test. Internal pull-up active.
TESTIO5
GPIO_A[1]
E11
I/O
Reserved for Chip Test. Internal pull-up active.
TESTIO4
GPIO_A[0]
M4
I/O
Reserved for Chip Test. Internal pull-up active.
TEST_MWP
T7
I/O
Reserved for Chip Test. Pull-up for normal operation.
TEST_AG
A9
I/O
Reserved for Chip Test. Pull-down for normal operation.
TEST_SP
A10
I/O
Reserved for Chip Test. Pull-down for normal operation.
TESTEASL
A11
I
Reserved for Chip Test. Pull-down for normal operation.
TESTHOE
T4
I/O
Reserved for Chip Test. Pull-down for normal operation.
TESTHWE
R9
I/O
R eserved for Chip Test. Pull-up for normal operation.
TESTREG
J12
I/O
R eserved for Chip Test. Pull-up for normal operation.
TESTPACK
B9
I/O
Reserved for Chip Test.
TESTIS16
B11
I/O
Reserved for Chip Test.
TESTCE4
N16
I/O
Reserved for Chip Test.
TESTCE3
T1
I/O
Reserved for Chip Test.
TESTCE2
T3
I/O
Reserved for Chip Test.
TESTFAL
N14
O
Reserved for Chip Test.
TESTFCL
N15
O
Reserved for Chip Test.
TESTFRD
R16
O
Reserved for Chip Test.
TESTFWE
P16
O
Reserved for Chip Test.
Power Pins
VDDIO
E8
PWR
Digital Power for I/O (3.3V)
VDDIO
H3
PWR
Digital Power for I/O (3.3V)
VDDIO
M6
PWR
Digital Power for I/O (3.3V)
VDDIO
K16
PWR
Digital Power for I/O (3.3V)
VDDIO_USB
M12
PWR
Power for USB I/O (3.3V)
VDD_NOR
F6
PWR
Digital Power for NOR Flash. (3.3V)
VDD_OSC
L13
PWR
Digital Power for Oscillators (1.8V)
VDDI
G12
PWR
Digital Power for Internal Core (1.8V)
VDDI
F7
PWR
Digital Power for Internal Core (1.8V)
VDDI
M7
PWR
Digital Power for Internal Core (1.8V)
VDDI
E4
PWR
Digital Power for Internal Core (1.8V)
VDDI
C9
PWR
Digital Power for Internal Core (1.8V)
VDDI
K2
PWR
Digital Power for Internal Core (1.8V)
VDDA_ADC
H13
PWR
Analog Power forADC (3.3V)
VDDA_PLL
K12
PWR
Analog & Digital Power for PLL (1.8V)
HPVDD
J15
PWR
Analog Power for HeadphoneAmp
VDDB_CDC
T6
PWR
Digital Buffer Power for CODEC
VDDC_CDC
R4
PWR
Core Power for CODEC
AVDD
A5
PWR
Analog Power for CODEC
VSSIO
E12
GND
Digital Ground for I/O
VSSIO
N13
GND
Digital Ground for I/O
VSSIO
E5
GND
Digital Ground for I/O
VSSIO
M2
GND
Digital Ground for I/O
VSSIO
K5
GND
Digital Ground for I/O
VSS_NOR
C3
GND
Digital Ground for NOR Flash
VSS_CDC
R1
GND
Digital Ground for CODEC
VSSI
D7
GND
Digital Ground for Internal
VSSI
D8
GND
Digital Ground for Internal
VSSI
F4
GND
Digital Ground for Internal
VSSI
F13
GND
Digital Ground for Internal
VSSI
M10
GND
Digital Ground for Internal
VSSI
K4
GND
Digital Ground for Internal
VSSA_ADC
G16
GND
Analog Ground forADC
VSSA_PLL
H14
GND
Analog Ground for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com