Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 22Page - Infineon Technologies AG C167CS Datasheet HTML 23Page - Infineon Technologies AG C167CS Datasheet HTML 24Page - Infineon Technologies AG C167CS Datasheet HTML 25Page - Infineon Technologies AG C167CS Datasheet HTML 26Page - Infineon Technologies AG C167CS Datasheet HTML 27Page - Infineon Technologies AG C167CS Datasheet HTML 28Page - Infineon Technologies AG C167CS Datasheet HTML 29Page - Infineon Technologies AG C167CS Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-9
V2.0, 2000-07
The CPU has an actual register context consisting of up to 16 wordwide and/or bytewide
GPRs at its disposal, which are physically located within the on-chip RAM area. A
Context Pointer (CP) register determines the base address of the active register bank to
be accessed by the CPU at a time. The number of register banks is only restricted by the
available internal RAM space. For easy parameter passing, a register bank may overlap
others.
A system stack of up to 1536 words is provided as a storage for temporary data. The
system stack is also located within the on-chip RAM area, and it is accessed by the CPU
via the stack pointer (SP) register. Two separate SFRs, STKOV and STKUN, are
implicitly compared against the stack pointer value upon each stack access for the
detection of a stack overflow or underflow.
Hardware detection of the selected memory space is placed at the internal memory
decoders and allows the user to specify any address directly or indirectly and obtain the
desired data without using temporary registers or special instructions.
An 8 KByte 16-bit Wide on-chip XRAM (arranged in two blocks of 2 KByte and
6 KByte) provides fast access to user data (variables), user stacks and code. The on-
chip XRAM is realized as an X-Peripheral and appears to the software as an external
RAM. Therefore it cannot store register banks and is not bitaddressable. The XRAM
allows 16-bit accesses with maximum speed.
For Special Function Registers 1024 Bytes of the address space are reserved. The
standard Special Function Register area (SFR) uses 512 Bytes, while the Extended
Special Function Register area (ESFR) uses the other 512 Bytes. (E)SFRs are wordwide
registers which are used for controlling and monitoring functions of the different on-chip
units. Unused (E)SFR addresses are reserved for future members of the C166 Family
with enhanced functionality.
An Optional Internal ROM (32 KByte) provides for both code and constant data
storage. This memory area is connected to the CPU via a 32-bit-wide bus. Thus, an
entire double-word instruction can be fetched in just one machine cycle.
Program execution from on-chip program memory is the fastest of all possible
alternatives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com