Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 49Page - Infineon Technologies AG C167CS Datasheet HTML 50Page - Infineon Technologies AG C167CS Datasheet HTML 51Page - Infineon Technologies AG C167CS Datasheet HTML 52Page - Infineon Technologies AG C167CS Datasheet HTML 53Page - Infineon Technologies AG C167CS Datasheet HTML 54Page - Infineon Technologies AG C167CS Datasheet HTML 55Page - Infineon Technologies AG C167CS Datasheet HTML 56Page - Infineon Technologies AG C167CS Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-3
V2.0, 2000-07
A set of Special Function Registers is dedicated to the functions of the CPU core:
• General System Configuration:
SYSCON (RP0H)
• CPU Status Indication and Control:
PSW
• Code Access Control:
IP, CSP
• Data Paging Control:
DPP0, DPP1, DPP2, DPP3
• GPRs Access Control:
CP
• System Stack Access Control:
SP, STKUN, STKOV
• Multiply and Divide Support:
MDL, MDH, MDC
• ALU Constants Support:
ZEROS, ONES
4.1
Instruction Pipelining
The instruction pipeline of the C167CS partitiones instruction processing into four stages
of which each one has its individual task:
1st
→ FETCH: In this stage the instruction selected by the Instruction Pointer (IP) and
the Code Segment Pointer (CSP) is fetched from either the internal ROM, internal RAM,
or external memory.
2nd
→ DECODE: In this stage the instructions are decoded and, if required, the operand
addresses are calculated and the respective operands are fetched. For all instructions,
which implicitly access the system stack, the SP register is either decremented or
incremented, as specified. For branch instructions the Instruction Pointer and the Code
Segment Pointer are updated with the desired branch target address (provided that the
branch is taken).
3rd
→ EXECUTE: In this stage an operation is performed on the previously fetched
operands in the ALU. Additionally, the condition flags in the PSW register are updated
as specified by the instruction. All explicit writes to the SFR memory space and all auto-
increment or auto-decrement writes to GPRs used as indirect address pointers are
performed during the execute stage of an instruction, too.
4th
→ WRITE BACK: In this stage all external operands and the remaining operands
within the internal RAM space are written back.
A particularity of the C167CS are the so-called injected instructions. These injected
instructions are generated internally by the machine to provide the time needed to
process instructions, which cannot be processed within one machine cycle. They are
automatically injected into the decode stage of the pipeline, and then they pass through
the remaining stages like every standard instruction. Program interrupts are performed
by means of injected instructions, too. Although these internally injected instructions will
not be noticed in reality, they are introduced here to ease the explanation of the pipeline
in the following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com