Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 32Page - Infineon Technologies AG C167CS Datasheet HTML 33Page - Infineon Technologies AG C167CS Datasheet HTML 34Page - Infineon Technologies AG C167CS Datasheet HTML 35Page - Infineon Technologies AG C167CS Datasheet HTML 36Page - Infineon Technologies AG C167CS Datasheet HTML 37Page - Infineon Technologies AG C167CS Datasheet HTML 38Page - Infineon Technologies AG C167CS Datasheet HTML 39Page - Infineon Technologies AG C167CS Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-19
V2.0, 2000-07
Slowdown operation is achieved by dividing the oscillator clock by a programmable
factor (1 … 32) resulting in a low frequency device operation which significantly reduces
the overall power consumption.
Flexible Peripheral Management
The flexible peripheral management provides a mechanism to enable and disable each
peripheral module separately. In each situation (e.g. several system operating modes,
standby, etc.) only those peripherals may be kept running which are required for the
respective functionality. All others can be switched off. It also allows the operation
control of whole groups of peripherals including the power required for generating and
distributing their clock input signal. Other peripherals may remain active, e.g. in order to
maintain communication channels. The registers of separately disabled peripherals (not
within a disabled group) can still be accessed.
Periodic Wakeup from Idle Mode
Periodic wakeup from Idle mode combines the drastically reduced power consumption
in Idle mode (in conjunction with the additional power management features) with a high
level of system availability. External signals and events can be scanned (at a lower rate)
by periodically activating the CPU and selected peripherals which then return to
powersave mode after a short time. This greatly reduces the system’s average power
consumption.
2.5
Protected Bits
The C167CS provides a special mechanism to protect bits which can be modified by the
on-chip hardware from being changed unintentionally by software accesses to related
bits (see also Chapter 4).
The following bits are protected:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com