Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 18Page - Infineon Technologies AG C167CS Datasheet HTML 19Page - Infineon Technologies AG C167CS Datasheet HTML 20Page - Infineon Technologies AG C167CS Datasheet HTML 21Page - Infineon Technologies AG C167CS Datasheet HTML 22Page - Infineon Technologies AG C167CS Datasheet HTML 23Page - Infineon Technologies AG C167CS Datasheet HTML 24Page - Infineon Technologies AG C167CS Datasheet HTML 25Page - Infineon Technologies AG C167CS Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-5
V2.0, 2000-07
High Performance Branch-, Call-, and Loop Processing
Due to the high percentage of branching in controller applications, branch instructions
have been optimized to require one extra machine cycle only when a branch is taken.
This is implemented by precalculating the target address while decoding the instruction.
To decrease loop execution overhead, three enhancements have been provided:
• The first solution provides single cycle branch execution after the first iteration of a
loop. Thus, only one machine cycle is lost during the execution of the entire loop. In
loops which fall through upon completion, no machine cycles are lost when exiting the
loop. No special instructions are required to perform loops, and loops are
automatically detected during execution of branch instructions.
• The second loop enhancement allows the detection of the end of a table and avoids
the use of two compare instructions embedded in loops. One simply places the lowest
negative number at the end of the specific table, and specifies branching if neither this
value nor the compared value have been found. Otherwise the loop is terminated if
either condition has been met. The terminating condition can then be tested.
• The third loop enhancement provides a more flexible solution than the Decrement and
Skip on Zero instruction which is found in other microcontrollers. Through the use of
Compare and Increment or Decrement instructions, the user can make comparisons
to any value. This allows loop counters to cover any range. This is particularly
advantageous in table searching.
Saving of system state is automatically performed on the internal system stack avoiding
the use of instructions to preserve state upon entry and exit of interrupt or trap routines.
Call instructions push the value of the IP on the system stack, and require the same
execution time as branch instructions.
Instructions have also been provided to support indirect branch and call instructions.
This supports implementation of multiple CASE statement branching in assembler
macros and high level languages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com