Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 9Page - Infineon Technologies AG C167CS Datasheet HTML 10Page - Infineon Technologies AG C167CS Datasheet HTML 11Page - Infineon Technologies AG C167CS Datasheet HTML 12Page - Infineon Technologies AG C167CS Datasheet HTML 13Page - Infineon Technologies AG C167CS Datasheet HTML 14Page - Infineon Technologies AG C167CS Datasheet HTML 15Page - Infineon Technologies AG C167CS Datasheet HTML 16Page - Infineon Technologies AG C167CS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 517 page
background image
C167CS
Derivatives
Introduction
User’s Manual
1-3
V2.0, 2000-07
The C164-type devices and some of the C161-type devices are further enhanced by a
flexible power management and form the third generation of the 16-bit controller family.
This power management mechanism provides effective means to control the power that
is consumed in a certain state of the controller and thus allows the minimization of the
overall power consumption with respect to a given application.
A variety of different versions is provided which offer various kinds of on-chip program
memory:
• Mask-programmable ROM
• Flash memory
• OTP memory
• ROMless with no non-volatile memory at all.
Also there are devices with specific functional units.
The devices may be offered in different packages, temperature ranges and speed
classes.
More standard and application-specific derivatives are planned and in development.
Note: Not all derivatives will be offered in any temperature range, speed class, package
or program memory variation.
Information about specific versions and derivatives will be made available with the
devices themselves. Contact your Infineon representative for up-to-date material.
Note: As the architecture and the basic features (i.e. CPU core and built in peripherals)
are identical for most of the currently offered versions of the C167CS, the
descriptions within this manual that refer to the “C167CS” also apply to the other
variations, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com