Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 14Page - Infineon Technologies AG C167CS Datasheet HTML 15Page - Infineon Technologies AG C167CS Datasheet HTML 16Page - Infineon Technologies AG C167CS Datasheet HTML 17Page - Infineon Technologies AG C167CS Datasheet HTML 18Page - Infineon Technologies AG C167CS Datasheet HTML 19Page - Infineon Technologies AG C167CS Datasheet HTML 20Page - Infineon Technologies AG C167CS Datasheet HTML 21Page - Infineon Technologies AG C167CS Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-1
V2.0, 2000-07
2
Architectural Overview
The architecture of the C167CS combines the advantages of both RISC and CISC
processors in a very well-balanced way. The sum of the features which are combined
result in a high performance microcontroller, which is the right choice not only for today’s
applications, but also for future engineering challenges. The C167CS not only integrates
a powerful CPU core and a set of peripheral units into one chip, but also connects the
units in a very efficient way. One of the four buses used concurrently on the C167CS is
the XBUS, an internal representation of the external bus interface. This bus provides a
standardized method of integrating application-specific peripherals to produce
derivatives of the standard C167CS.
Figure 2-1
C167CS Functional Block Diagram
C166-Core
CPU
Interrupt Bus
XTAL
MCB04323_7CSR
Osc / PLL
RTC
WDT
32
16
Interrupt Controller 16-Level
Priority
PEC
External Instr. / Data
GPT
T2
T3
T4
T5
T6
SSC
BRGen
(SPI)
ASC0
BRGen
(USART)
ADC
10-Bit
16+8
Channels
PWM
CCOM1
T0
T1
CCOM2
T7
T8
EBC
XBUS Control
External Bus
Control
IRAM
Internal
RAM
3 KByte
ProgMem
ROM
32 KByte
Data
Data
16
16
16
CAN1
Rev 2.0B active
Instr. / Data
Port 0
XRAM
6+2 KByte
8
8
Port 1
16
16
16
Port 5
Port 3
15
Port 7
8
Port 8
8
16
Peripheral Data Bus
16
CAN2
Rev 2.0B active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com