Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 27Page - Infineon Technologies AG C167CS Datasheet HTML 28Page - Infineon Technologies AG C167CS Datasheet HTML 29Page - Infineon Technologies AG C167CS Datasheet HTML 30Page - Infineon Technologies AG C167CS Datasheet HTML 31Page - Infineon Technologies AG C167CS Datasheet HTML 32Page - Infineon Technologies AG C167CS Datasheet HTML 33Page - Infineon Technologies AG C167CS Datasheet HTML 34Page - Infineon Technologies AG C167CS Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-14
V2.0, 2000-07
The On-Chip CAN Modules
The integrated CAN Modules (CAN1, CAN2) handle the completely autonomous
transmission and reception of CAN frames in accordance with the CAN specification
V2.0 part B (active), i.e. the on-chip CAN Module can receive and transmit standard
frames with 11-bit identifiers as well as extended frames with 29-bit identifiers.
The modules provide Full CAN functionality on up to 15 message objects (up to
30 objects if both modules are connected to the same physical bus). Message object 15
may be configured for Basic CAN functionality. Both modes provide separate masks for
acceptance filtering which allows to accept a number of identifiers in Full CAN mode and
also allows to disregard a number of identifiers in Basic CAN mode. All message objects
can be updated independent from the other objects and are equipped for the maximum
message length of 8 Bytes.
The bit timing is derived from the XCLK and is programmable up to a data rate of
1 MBaud. Each CAN Module uses two pins (configurable, both modules may use the
same pair of pins) to interface to a bus transceiver.
Parallel Ports
The C167CS provides up to 111 IO lines which are organized into eight input/output
ports and one input port. All port lines are bit-addressable, and all input/output lines are
individually (bit-wise) programmable as inputs or outputs via direction registers. The IO
ports are true bidirectional ports which are switched to high impedance state when
configured as inputs. The output drivers of six IO ports can be configured (pin by pin) for
push/pull operation or open-drain operation via control registers. During the internal
reset, all port pins are configured as inputs.
All port lines have programmable alternate input or output functions associated with
them. PORT0 and PORT1 may be used as address and data lines when accessing
external memory, while Port 4 outputs the additional segment address bits A23/19/17 …
A16 in systems where segmentation is used to access more than 64 KBytes of memory.
Port 6 provides the optional bus arbitration signals (BREQ, HLDA, HOLD) and the chip
select signals CS4 … CS0. Port 2 accepts the fast external interrupt inputs and provides
inputs/outputs for the CAPCOM1 unit. Port 3 includes alternate functions of timers, serial
interfaces, the optional bus control signal BHE, and the system clock output (CLKOUT/
FOUT). Port 5 is used for timer control signals and for the analog inputs to the A/D
Converter. The analog extension channels are connected via P1L. Port 7 provides the
output signals from the PWM unit and inputs/outputs for the CAPCOM2 unit (more on
P1H). Port 8 provides inputs/outputs for the CAPCOM2 unit. Four pins of PORT1 may
also be used as inputs/outputs for the CAPCOM2 unit. All port lines that are not used for
these alternate functions may be used as general purpose IO lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com