Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 48Page - Infineon Technologies AG C167CS Datasheet HTML 49Page - Infineon Technologies AG C167CS Datasheet HTML 50Page - Infineon Technologies AG C167CS Datasheet HTML 51Page - Infineon Technologies AG C167CS Datasheet HTML 52Page - Infineon Technologies AG C167CS Datasheet HTML 53Page - Infineon Technologies AG C167CS Datasheet HTML 54Page - Infineon Technologies AG C167CS Datasheet HTML 55Page - Infineon Technologies AG C167CS Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-2
V2.0, 2000-07
If possible, the CPU continues operating while an external memory access is in
progress. If external data are required but are not yet available, or if a new external
memory access is requested by the CPU, before a previous access has been
completed, the CPU will be held by the EBC until the request can be satisfied. The EBC
is described in a dedicated chapter.
The on-chip peripheral units of the C167CS work nearly independent of the CPU with a
separate clock generator. Data and control information is interchanged between the
CPU and these peripherals via Special Function Registers (SFRs).
Whenever peripherals need a non-deterministic CPU action, an on-chip Interrupt
Controller compares all pending peripheral service requests against each other and
prioritizes one of them. If the priority of the current CPU operation is lower than the
priority of the selected peripheral request, an interrupt will occur.
Basically, there are two types of interrupt processing:
• Standard interrupt processing forces the CPU to save the current program status
and the return address on the stack before branching to the interrupt vector jump
table.
• PEC interrupt processing steals just one machine cycle from the current CPU
activity to perform a single data transfer via the on-chip Peripheral Event Controller
(PEC).
System errors detected during program execution (so-called hardware traps) or an
external non-maskable interrupt are also processed as standard interrupts with a very
high priority.
In contrast to other on-chip peripherals, there is a closer conjunction between the
watchdog timer and the CPU. If enabled, the watchdog timer expects to be serviced by
the CPU within a programmable period of time, otherwise it will reset the chip. Thus, the
watchdog timer is able to prevent the CPU from going totally astray when executing
erroneous code. After reset, the watchdog timer starts counting automatically, but it can
be disabled via software, if desired.
Beside its normal operation there are the following particular CPU states:
• Reset state: Any reset (hardware, software, watchdog) forces the CPU into a
predefined active state.
• IDLE state: The clock signal to the CPU itself is switched off, while the clocks for the
on-chip peripherals keep running.
• SLEEP state: All of the on-chip clocks are switched off (RTC clock selectable), wake-
up via external interrupts or RTC.
• POWER DOWN state: All of the on-chip clocks are switched off (RTC clock
selectable), all inputs are disregarded.
A transition into an active CPU state is forced by an interrupt (if being in IDLE or SLEEP)
or by a reset (if being in POWER DOWN mode).
The IDLE, SLEEP, POWER DOWN, and RESET states can be entered by particular
C167CS system control instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com