Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 36Page - Infineon Technologies AG C167CS Datasheet HTML 37Page - Infineon Technologies AG C167CS Datasheet HTML 38Page - Infineon Technologies AG C167CS Datasheet HTML 39Page - Infineon Technologies AG C167CS Datasheet HTML 40Page - Infineon Technologies AG C167CS Datasheet HTML 41Page - Infineon Technologies AG C167CS Datasheet HTML 42Page - Infineon Technologies AG C167CS Datasheet HTML 43Page - Infineon Technologies AG C167CS Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 517 page
background image
C167CS
Derivatives
Memory Organization
User’s Manual
3-3
V2.0, 2000-07
3.1
Internal ROM Area
The C167CS may reserve an address area of variable size (depending on the version)
for on-chip mask-programmable ROM/Flash/OTP memory (organized as X
× 32). The
lower 32 KByte of this on-chip memory block are referred to as “Internal ROM Area”.
Internal ROM accesses are globally enabled or disabled via bit ROMEN in register
SYSCON. This bit is set during reset according to the level on pin EA, or may be altered
via software. If enabled, the internal ROM area occupies the lower 32 KByte of either
segment 0 or segment 1 (alternate ROM area). This mapping is controlled by bit ROMS1
in register SYSCON.
Note: The size of the internal ROM area is independent of the size of the actual
implemented Program Memory. Also devices with less than 32 KByte of Program
Memory or with no Program Memory at all will have this 32 KByte area occupied,
if the Program Memory is enabled. Devices with a larger Program Memory provide
the mapping option only for the internal ROM area.
Devices with a Program Memory size above 32 KByte expand the ROM area from the
middle of segment 1, i.e. starting at address 01’8000H.
The internal Program Memory can be used for both code (instructions) and data
(constants, tables, etc.) storage.
Code fetches are always made on even byte addresses. The highest possible code
storage location in the internal Program Memory is either xx’xxFEH for single word
instructions, or xx’xxFCH for double word instructions. The respective location must
contain a branch instruction (unconditional), because sequential boundary crossing from
internal Program Memory to external memory is not supported and causes erroneous
results.
Any word and byte data read accesses may use the indirect or long 16-bit addressing
modes. There is no short addressing mode for internal ROM operands. Any word data
access is made to an even byte address. The highest possible word data storage
location in the internal ROM is xx’xxFEH. For PEC data transfers the internal Program
Memory can be accessed independent of the contents of the DPP registers via the PEC
source and destination pointers.
The internal Program Memory is not provided for single bit storage, and therefore it is
not bit addressable.
Note: The ‘x’ in the locations above depend on the available Program Memory and on
the mapping.
The internal ROM may be enabled, disabled or mapped into segment 0 or segment 1
under software control. Chapter 22 shows how to do this and reminds of the precautions
that must be taken in order to prevent the system from crashing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com