Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 31Page - Infineon Technologies AG C167CS Datasheet HTML 32Page - Infineon Technologies AG C167CS Datasheet HTML 33Page - Infineon Technologies AG C167CS Datasheet HTML 34Page - Infineon Technologies AG C167CS Datasheet HTML 35Page - Infineon Technologies AG C167CS Datasheet HTML 36Page - Infineon Technologies AG C167CS Datasheet HTML 37Page - Infineon Technologies AG C167CS Datasheet HTML 38Page - Infineon Technologies AG C167CS Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-18
V2.0, 2000-07
Watchdog Timer
The Watchdog Timer represents one of the fail-safe mechanisms which have been
implemented to prevent the controller from malfunctioning for longer periods of time.
The Watchdog Timer is always enabled after a reset of the chip, and can only be
disabled in the time interval until the EINIT (end of initialization) instruction has been
executed. Thus, the chip’s start-up procedure is always monitored. The software has to
be designed to service the Watchdog Timer before it overflows. If, due to hardware or
software related failures, the software fails to do so, the Watchdog Timer overflows and
generates an internal hardware reset and pulls the RSTOUT pin low in order to allow
external hardware components to reset.
The Watchdog Timer is a 16-bit timer, clocked with the CPU clock divided by 2, 4, 128, or
256. The high byte of the Watchdog Timer register can be set to a prespecified reload
value (stored in WDTREL) in order to allow further variation of the monitored time interval.
Each time it is serviced by the application software, the high byte of the Watchdog Timer
is reloaded. Thus, time intervals between 21
µs and 671 ms can be monitored @
25 MHz (16
µs and 335 ms @ 33 MHz). The default Watchdog Timer interval after reset
is 5.2/4.0 ms (@ 25/33 MHz).
2.4
Power Management Features
The known basic power reduction modes (Idle and Power Down) are enhanced by a
number of additional power management features (see below). These features can be
combined to reduce the controller’s power consumption to the respective application’s
possible minimum.
• Flexible clock generation
• Flexible peripheral management (peripherals can be enabled/disabled separately or
in groups)
• Periodic wakeup from Idle mode via RTC timer
The listed features provide effective means to realize standby conditions for the system
with an optimum balance between power reduction (i.e. standby time) and peripheral
operation (i.e. system functionality).
Flexible Clock Generation
The flexible clock generation system combines a variety of improved mechanisms (partly
user controllable) to provide the C167CS modules with clock signals. This is especially
important in power sensitive modes like standby operation.
The power optimized oscillator generally reduces the amount of power which is
consumed in order to generate the clock signal within the C167CS.
The clock system efficiently controls the amount of power which is consumed in order
to distribute the clock signal within the C167CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com