Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 39Page - Infineon Technologies AG C167CS Datasheet HTML 40Page - Infineon Technologies AG C167CS Datasheet HTML 41Page - Infineon Technologies AG C167CS Datasheet HTML 42Page - Infineon Technologies AG C167CS Datasheet HTML 43Page - Infineon Technologies AG C167CS Datasheet HTML 44Page - Infineon Technologies AG C167CS Datasheet HTML 45Page - Infineon Technologies AG C167CS Datasheet HTML 46Page - Infineon Technologies AG C167CS Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 517 page
background image
C167CS
Derivatives
Memory Organization
User’s Manual
3-6
V2.0, 2000-07
General Purpose Registers
The General Purpose Registers (GPRs) use a block of 16 consecutive words within the
internal RAM. The Context Pointer (CP) register determines the base address of the
currently active register bank. This register bank may consist of up to 16 Word-GPRs
(R0, R1, … R15) and/or of up to 16 Byte-GPRs (RL0, RH0, … RL7, RH7). The sixteen
Byte-GPRs are mapped onto the first eight Word-GPRs (see Table 3-2).
In contrast to the system stack, a register bank grows from lower towards higher address
locations and occupies a maximum space of 32 Byte. The GPRs are accessed via short
2-, 4-, or 8-bit addressing modes using the Context Pointer (CP) register as base
address (independent of the current DPP register contents). Additionally, each bit in the
currently active register bank can be accessed individually.
The C167CS supports fast register bank (context) switching. Multiple register banks can
physically exist within the internal RAM at the same time. Only the register bank selected
by the Context Pointer register (CP) is active at a given time, however. Selecting a new
active register bank is simply done by updating the CP register. A particular Switch
Context (SCXT) instruction performs register bank switching and an automatic saving of
Table 3-2
Mapping of General Purpose Registers to RAM Addresses
Internal RAM Address
Byte Registers
Word Register
<CP> + 1EH
–R15
<CP> + 1CH
–R14
<CP> + 1AH
–R13
<CP> + 18H
–R12
<CP> + 16H
–R11
<CP> + 14H
–R10
<CP> + 12H
–R9
<CP> + 10H
–R8
<CP> + 0EH
RH7
RL7
R7
<CP> + 0CH
RH6
RL6
R6
<CP> + 0AH
RH5
RL5
R5
<CP> + 08H
RH4
RL4
R4
<CP> + 06H
RH3
RL3
R3
<CP> + 04H
RH2
RL2
R2
<CP> + 02H
RH1
RL1
R1
<CP> + 00H
RH0
RL0
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com