Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 87Page - Infineon Technologies AG C167CS Datasheet HTML 88Page - Infineon Technologies AG C167CS Datasheet HTML 89Page - Infineon Technologies AG C167CS Datasheet HTML 90Page - Infineon Technologies AG C167CS Datasheet HTML 91Page - Infineon Technologies AG C167CS Datasheet HTML 92Page - Infineon Technologies AG C167CS Datasheet HTML 93Page - Infineon Technologies AG C167CS Datasheet HTML 94Page - Infineon Technologies AG C167CS Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-8
V2.0, 2000-07
Interrupt Priority Level and Group Level
The four bits of bit field ILVL specify the priority level of a service request for the
arbitration of simultaneous requests. The priority increases with the numerical value of
ILVL, so 0000B is the lowest and 1111B is the highest priority level.
When more than one interrupt request on a specific level gets active at the same time,
the values in the respective bit fields GLVL are used for second level arbitration to select
one request for being serviced. Again the group priority increases with the numerical
value of GLVL, so 00B is the lowest and 11B is the highest group priority.
Note: All interrupt request sources that are enabled and programmed to the same
priority level must always be programmed to different group priorities. Otherwise
an incorrect interrupt vector will be generated.
Upon entry into the interrupt service routine, the priority level of the source that won the
arbitration and who’s priority level is higher than the current CPU level, is copied into bit
field ILVL of register PSW after pushing the old PSW contents on the stack.
The interrupt system of the C167CS allows nesting of up to 15 interrupt service routines
of different priority levels (level 0 cannot be arbitrated).
Interrupt requests that are programmed to priority levels 15 or 14 (i.e. ILVL = 111XB) will
be serviced by the PEC, unless the COUNT field of the associated PECC register
contains zero. In this case the request will instead be serviced by normal interrupt
processing. Interrupt requests that are programmed to priority levels 13 through 1 will
always be serviced by normal interrupt processing.
Note: Priority level 0000B is the default level of the CPU. Therefore a request on level 0
will never be serviced, because it can never interrupt the CPU. However, an
enabled interrupt request on level 0000B will terminate the C167CS’s Idle mode
and reactivate the CPU.
For interrupt requests which are to be serviced by the PEC, the associated PEC channel
number is derived from the respective ILVL (LSB) and GLVL (see Figure 5-1). So
programming a source to priority level 15 (ILVL = 1111B) selects the PEC channel group
7 … 4, programming a source to priority level 14 (ILVL = 1110B) selects the PEC channel
group 3 … 0. The actual PEC channel number is then determined by the group priority
field GLVL.
Simultaneous requests for PEC channels are prioritized according to the PEC channel
number, where channel 0 has lowest and channel 8 has highest priority.
Note: All sources that request PEC service must be programmed to different PEC
channels. Otherwise an incorrect PEC channel may be activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com